Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC908GR4ACFA Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4ACFA
Description  Microcontrollers
Download  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4ACFA Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC68HC908GR4ACFA Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68HC908GR4ACFA Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68HC908GR4ACFA Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68HC908GR4ACFA Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68HC908GR4ACFA Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HC908GR4ACFA Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC908GR4ACFA Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC908GR4ACFA Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC908GR4ACFA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 260 page
background image
Revision History
MC68HC908GR8A • MC68HC908GR4A Data Sheet, Rev. 5
4
Freescale Semiconductor
The following revision history table summarizes changes contained in this document. For your
convenience, the page number designators have been linked to the appropriate location.
Revision History
Date
Revision
Level
Description
Page
Number(s)
April,
2003
0
Initial release
N/A
October,
2004
1
Module construction and style updated to meet current publications standards.
Throughout
IRQ1 changed to IRQ
Throughout
Mask option register changed to configuration register
Throughout
Deleted references to DMA module and bits
Throughout
FLASH memory operation details updated
40—42
3.3.4 Conversion — Clarified ADC details
50
3.7.1 ADC Status and Control Register — Corrected COCO bit functionality
51
Table 4-1. Numeric Example — Corrected and improved examples
61
Table 4-4. Example Filter Component Values — Added more values
73
Chapter 5 Configuration Register (CONFIG) — Updated COP timeout
selections
75, 76
6.2 Functional Description — Updated block diagram and timeout values
79, 80
Table 7-1. Instruction Set Summary — Corrected STOP and added WAIT
instruction
92, 93
8.3 Functional Description — Updated IRQ description
95
8.4 IRQ Pin — Updated IRQ description
97
Chapter 12 Input/Output (I/O) Ports — Corrected Figures 12-4, 12-11, 12-15
118, 123, 126
Figure 13-3. SCI Module Block Diagram — Corrected diagram
134
Figure 13-5. SCI Transmitter — Updated diagram
136
Figure 13-6. SCI Receiver Block Diagram — Updated Diagram
139
Chapter 14 System Integration Module (SIM) — Clarified SIM features and
functionality
157—173
16.3 Functional Description — Updated TBM description
195
Table 17-3. Mode, Edge, and Level Selection — Added software compare
condition
213
Chapter 18 Development Support — Combined Break and Monitor Mode
modules
215—230
18.2.1 Functional Description — Corrected Break description
215
18.3 Monitor Module (MON) — Reworked for clarity
221
19.5 5.0 V DC Electrical Characteristics — Changed VTST max to 8.5 V
233
19.6 3.0 V DC Electrical Characteristics — Changed VTST max to 8.5 V
234
19.15.1 CGM Component Specifications — Corrected and updated values
247
19.15.2 CGM Electrical Specifications — Corrected and updated values
247
19.17 Memory Characteristics — Updated memory characteristics table
248


Similar Part No. - MC68HC908GR4ACFA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908GR4ACFA FREESCALE-MC68HC908GR4ACFA Datasheet
3Mb / 252P
   Microcontrollers
More results

Similar Description - MC68HC908GR4ACFA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com