Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRAH-01FX2N Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SRAH-01FX2N
Description  NON-ISOLATED DC/DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRAH-01FX2N Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SRAH-01FX2N Datasheet HTML 1Page - Bel Fuse Inc. SRAH-01FX2N Datasheet HTML 2Page - Bel Fuse Inc. SRAH-01FX2N Datasheet HTML 3Page - Bel Fuse Inc. SRAH-01FX2N Datasheet HTML 4Page - Bel Fuse Inc. SRAH-01FX2N Datasheet HTML 5Page - Bel Fuse Inc. SRAH-01FX2N Datasheet HTML 6Page - Bel Fuse Inc. SRAH-01FX2N Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0 Vdc - 5.5 Vdc Input, -5 Vdc/1 A, -5.2 Vdc/1 A, -12 Vdc/0.5 A Outputs
Non-Isolated
Low Cost
Fixed Frequency
Excellent Thermal Performance
High Efficiency
High Power Density
UL60950-1 Recognized (UL/cUL)
OCP/SCP
Industrial Temperature Range
Description
The Bel xRAH-01FxxN modules are non-isolated; step down dc/dc converters that operate from a 3 V - 5.5 V
source. Output voltages are -5.0 V, -5.2 V, and -12 V. They are packaged in a compact, overmolded package
rated at 1 A, 1 A, 0.5 A. Optional lead forming provides a vertical mount product for minimal footprint or a surface
mount option for a very low profile. The output is closely regulated and the efficiency is typically 88% at 1 A, -5 V
output at full load.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Part Number
Surface Mount
Part Number
Vertical Mount
-5.0 V
3.0 V - 5.5 V
1 A
5 W
88%
SRAH-01F50N
VRAH-01F50N
-5.2 V
3.0 V - 5.5 V
1 A
5.2 W
88%
SRAH-01F52N
VRAH-01F52N
-12 V
3.0 V - 5.5 V
0.5 A
6 W
88%
SRAH-01FX2N
VRAH-01FX2N
Notes: 1. Add “0” suffix at the end of the model number to indicate “Tube Packaging”, and “R” for “Reel
Packaging”, and “G” for “Tray Packaging”.
2. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
7 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-40
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
3 V
-
5.5 V
Input Current (full load)
VO= -5.0 V, -5.2 V
VO= -12 V
-
-
-
-
2.1 A
2.5 A
Input Current (no load)
VO= -5.0 V, -5.2 V
VO= -12 V
-
-
-
-
150 mA
200 mA
Input Reflected Ripple Current
(pk-pk)
-
80 mA
160 mA
Input Reflected Ripple Current
(rms)
-
20 mA
50 mA
For -5 V & -5.2 V output, use a 680uF/6.3
V Os-con capacitor; For -12 V output, use
1000 uF electrolytic capacitor & 22 uF/10
V ceramic capacitor at the input.
I
2t Inrush Current Transient
-
-
0.01 A
2s
Turn-on Voltage Threshold
-
2.63 V
-
Turn-off Voltage Threshold
VO= -5.0 V, -5.2 V
VO= -12 V
0.4 V
1.0 V
-
-
2.0 V
2.3 V
xRAH-01FxxN Series
RoHS Compliant
Rev.A


Similar Part No. - SRAH-01FX2N

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRAH-01FX20 BEL-SRAH-01FX20 Datasheet
207Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 12 Vdc/0.8 A & 15 Vdc/0.6 A Output
More results

Similar Description - SRAH-01FX2N

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com