Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF-27WXE-M21ZA370 Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # MF-27WXE-M21ZA370
Description  100Mbps-2.7Gbps, Multi-Rate DWDM SFP TRANSCEIVER MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-27WXE-M21ZA370 Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button MF-27WXE-M21ZA370 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-27WXE-M21ZA370 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-27WXE-M21ZA370 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-27WXE-M21ZA370 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF-27WXE-M21ZA370 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MF-27WXE-M21ZA370 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor MF-27WXE-M21ZA370 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor MF-27WXE-M21ZA370 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor MF-27WXE-M21ZA370 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
UQ9-06-010
Ed:1.4
Date:02.Nov.2006
Page 11 of 14
MITSUBISHI (OPTICAL DEVICES)
MF-27WXE Series
100Mbps-2.7Gbps, Multi-Rate DWDM SFP TRANSCEIVER MODULE
10. Type Number
Table 1
Code
Wavelength
Code
Wavelength
Code
Wavelength
Code
Wavelength
630
1527.22
510
1536.61
390
1546.12
270
1555.75
620
1527.99
500
1537.40
380
1546.92
260
1556.55
610
1528.77
490
1538.19
370
1547.72
250
1557.36
600
1529.55
480
1538.98
360
1548.51
240
1558.17
590
1530.33
470
1539.77
350
1549.32
230
1558.98
580
1531.12
460
1540.56
340
1550.12
220
1559.79
570
1531.90
450
1541.35
330
1550.92
210
1560.61
560
1532.68
440
1542.14
320
1551.72
200
1561.42
550
1533.47
430
1542.94
310
1552.52
190
1562.23
540
1534.25
420
1543.73
300
1553.33
180
1563.05
530
1535.04
410
1544.53
290
1554.13
170
1563.86
520
1535.82
400
1545.32
280
1554.94
11. Reliability reference
Telcordia GR-468-CORE
Radiated Emission:IEC61000-6-3
Immunity:IEC61000-4-2, IEC61000-4-3
Flammability: UL94V-0
ESD for PIN Interface: 500V by Human body model (with Rd=1500ohm and Cd=100pF)
12. Laser Safety Information
Class 1 Laser Product (IEC60825 and CDRH compliant)
MF - 27WXE – M 1 1 Z A 630
M1: 120km (2400ps/nm) version
M2: 160km (3200ps/nm) version
M3:
80km (1600ps/nm) version
Center Wavelength
(See Table 1)


Similar Part No. - MF-27WXE-M21ZA370

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-27WXC MITSUBISHI-MF-27WXC Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC47 MITSUBISHI-MF-27WXC-M41ZAC47 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC49 MITSUBISHI-MF-27WXC-M41ZAC49 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC51 MITSUBISHI-MF-27WXC-M41ZAC51 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC53 MITSUBISHI-MF-27WXC-M41ZAC53 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
More results

Similar Description - MF-27WXE-M21ZA370

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX6872MCC FINISAR-FTLX6872MCC Datasheet
805Kb / 15P
   10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
FTLX3671MTC20 FINISAR-FTLX3671MTC20 Datasheet
502Kb / 14P
   Industrial Temperature DWDM 10G Multi-Rate, 40km SFP Transceiver
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX6871MCC FINISAR-FTLX6871MCC Datasheet
586Kb / 13P
   10GB/S DWDM 80KM MULTI-RATE TUNABLE SFP
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com