Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIOV-S10K625 Datasheet(PDF) 2 Page - EPCOS

Part # SIOV-S10K625
Description  Leaded Varistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SIOV-S10K625 Datasheet(HTML) 2 Page - EPCOS

  SIOV-S10K625 Datasheet HTML 1Page - EPCOS SIOV-S10K625 Datasheet HTML 2Page - EPCOS SIOV-S10K625 Datasheet HTML 3Page - EPCOS SIOV-S10K625 Datasheet HTML 4Page - EPCOS SIOV-S10K625 Datasheet HTML 5Page - EPCOS SIOV-S10K625 Datasheet HTML 6Page - EPCOS SIOV-S10K625 Datasheet HTML 7Page - EPCOS SIOV-S10K625 Datasheet HTML 8Page - EPCOS SIOV-S10K625 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
160 04/02
Maximum ratings (TA = 85 °C)
Type
(untaped)
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
S05K11
B72205S0110K101
11
14
100
0,3
0,01
S07K11
B72207S0110K101
11
14
250
0,8
0,02
S10K11
B72210S0110K101
11
14
500
1,7
0,05
S14K11
B72214S0110K101
11
14
1000
3,2
0,10
S20K11
B72220S0110K101
11
14
2000
10,0
0,20
S05K14
B72205S0140K101
14
18
100
0,4
0,01
S07K14
B72207S0140K101
14
181)
250
0,9
0,02
S10K14
B72210S0140K101
14
181)
500
2,0
0,05
S14K14
B72214S0140K101
14
181)
1000
4,0
0,10
S20K14
B72220S0140K101
14
181)
2000
12,0
0,20
S05K17
B72205S0170K101
17
22
100
0,5
0,01
S07K17
B72207S0170K101
17
22
250
1,1
0,02
S10K17
B72210S0170K101
17
22
500
2,5
0,05
S14K17
B72214S0170K101
17
22
1000
5,0
0,10
S20K17
B72220S0170K101
17
22
2000
14,0
0,20
S05K20
B72205S0200K101
20
26
100
0,6
0,01
S07K20
B72207S0200K101
20
26
250
1,3
0,02
S10K20
B72210S0200K101
20
26
500
3,1
0,05
S14K20
B72214S0200K101
20
26
1000
6,0
0,10
S20K20
B72220S0200K101
20
26
2000
18,0
0,20
S05K25
B72205S0250K101
25
31
100
0,7
0,01
S07K25
B72207S0250K101
25
31
250
1,6
0,02
S10K25
B72210S0250K101
25
31
500
3,7
0,05
S14K25
B72214S0250K101
25
31
1000
7,0
0,10
S20K25
B72220S0250K101
25
31
2000
22,0
0,20
S05K30
B72205S0300K101
30
38
100
0,9
0,01
S07K30
B72207S0300K101
30
38
250
2,0
0,02
S10K30
B72210S0300K101
30
38
500
4,4
0,05
S14K30
B72214S0300K101
30
38
1000
9,0
0,10
S20K30
B72220S0300K101
30
38
2000
26,0
0,20
1) Jump-start strength (max. 24 V, 5 minutes)
StandarD Series
Leaded Varistors


Similar Part No. - SIOV-S10K625

ManufacturerPart #DatasheetDescription
logo
EPCOS
SIOV-S10K60G5 EPCOS-SIOV-S10K60G5 Datasheet
226Kb / 16P
   Leaded Varistors Taping
SIOV-S10K60G5S5 EPCOS-SIOV-S10K60G5S5 Datasheet
226Kb / 16P
   Leaded Varistors Taping
More results

Similar Description - SIOV-S10K625

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0621K101 TDK-B72310S0621K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com