Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF-27WTA-M01MA075 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # MF-27WTA-M01MA075
Description  2.7Gb/s Multi-rate WDM Transmitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-27WTA-M01MA075 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  MF-27WTA-M01MA075 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA075 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA075 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA075 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA075 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA075 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA075 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA075 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA075 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UQ9-04-006
Ed:1.0
Date:22.Dec.2004
Page 4 of 9
MITSUBISHI (OPTICAL DEVICES)
MF-27WTA-M0xMAxxx
2.7Gb/s Multi-rate WDM Transmitter
Optical characteristics
All parameters are specified over the operating case temperature.
Measurement conditions are at NRZ PN2
23-1 and 50% duty cycle data signal.
Parts Number
MF-27WTA-M01MAxxx
MF-27WTA-M02MAxxx
condition
min.
typ.
max.
min.
typ.
max.
units
SDH/SONET
L-16.2 / LR-2
U-16.2
-
Center wavelength
note 1
1528.77
-
1563.86
1528.77
-
1563.86
nm
Wavelength deviation
BOL
-50
-
+50
-50
-
+50
pm
Wavelength deviation
EOL
-100
-
+100
-100
-
+100
pm
Optical rise/fall time
20/80
%
-
-
170
-
-
170
psec
Optical source
-
SLM
SLM
-
Optical output
average power (BOL)
-
+6
+7
+8
+6
+7
+8
dBm
Shutdown optical power
-
-
-
-40
-
-
-40
dBm
Spectral width
note 2
-
0.3
1
-
0.3
1
nm
SMSR
-
30
-
-
30
-
-
dB
Extinction ratio
-
8.2
-
-
8.2
-
-
dB
Dispersion
-
1800
-
-
3200
-
-
ps/nm
Dispersion penalty
-
-
-
2
-
-
2
dB
Return loss
-
-
-
-24
-
-
-24
dB
note 1 : Wavelength is according to ITU-T G.692; 100GHz grid( +/- 0.1nm).
See wavelength table.
note 2 : Based on maximum width of center wavelength peak.(measured 20 dB down
from maximum amplitude under modulation condition PN2
23-1).


Similar Part No. - MF-27WTA-M01MA075

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-27WXC MITSUBISHI-MF-27WXC Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC47 MITSUBISHI-MF-27WXC-M41ZAC47 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC49 MITSUBISHI-MF-27WXC-M41ZAC49 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC51 MITSUBISHI-MF-27WXC-M41ZAC51 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC53 MITSUBISHI-MF-27WXC-M41ZAC53 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
More results

Similar Description - MF-27WTA-M01MA075

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1621-47 FINISAR-FTR-1621-47 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
logo
Analog Devices
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
logo
Vitesse Semiconductor C...
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
   10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
logo
Analog Devices
ADN2865 AD-ADN2865 Datasheet
455Kb / 33P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
Rev.PrA
logo
Vitesse Semiconductor C...
VSC830 VITESSE-VSC830 Datasheet
182Kb / 18P
   2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
logo
Finisar Corporation.
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX6871MCC FINISAR-FTLX6871MCC Datasheet
586Kb / 13P
   10GB/S DWDM 80KM MULTI-RATE TUNABLE SFP
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com