Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8156 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8156
Description  6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8156 Datasheet(HTML) 1 Page - Analog Devices

  AD8156 Datasheet HTML 1Page - Analog Devices AD8156 Datasheet HTML 2Page - Analog Devices AD8156 Datasheet HTML 3Page - Analog Devices AD8156 Datasheet HTML 4Page - Analog Devices AD8156 Datasheet HTML 5Page - Analog Devices AD8156 Datasheet HTML 6Page - Analog Devices AD8156 Datasheet HTML 7Page - Analog Devices AD8156 Datasheet HTML 8Page - Analog Devices AD8156 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
6.25 Gbps, 4 × 4,
Digital Crosspoint Switch with EQ
AD8156
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
4 × 4, fully differential, nonblocking array
Configurable for dual 2 × 2 operation
DC to 6.25 Gbps per channel, NRZ data rate
Programmable input equalization compensates for over 40”
of FR-4 at 6.25 Gbps
Multicast and broadcast modes of operation
Programmable output swing
100 mV p-p to 1.6 V p-p differential
Power supply: 3.3 V (±10%)
Low power
No EQ: 400 mW typical
Maximum EQ: 700 mW typical
Inputs: ac-coupled or dc-coupled
Wide set of dc-coupled input standards
3.3 V/2.5 V/1.8 V CML or 3.3 V LVPECL
Control: LVTTL- or LVCMOS-compatible
Low additive jitter: 25 ps p-p typical
Low random jitter: 0.8 ps rms
Integrated 50 Ω termination impedance at inputs/outputs
Individual output disable for power savings
49-ball, 8 mm × 8 mm BGA, 1 mm pitch
APPLICATIONS
Backplane equalization
SONET/SDH
Gigabit Ethernet
XAUI
Fibre Channel
FUNCTIONAL BLOCK DIAGRAM
EQ
4
4
CS
RST
UPD
WE
RE
MODE
D[3:0]
A[3:0]
CONTROL
LOGIC
AD8156
IN0P/N
IN1P/N
IN2P/N
IN3P/N
OUT0P/N
OUT1P/N
OUT2P/N
OUT3P/N
EQ
EQ
EQ
OUTPUT
DRIVERS
INPUT
RECEIVERS
INPUT
EQUALIZATION
4 × 4
SWITCH
Figure 1.
GENERAL DESCRIPTION
The AD8156, a member of the Xstream line of products, is a
high speed, fully differential, digital crosspoint switch. The part
can function as a 4 × 4 crosspoint switch with double-latched
memory, allowing simultaneous updates, or as a dual 2 × 2 with
direct output control. The AD8156 has low power dissipation,
typically 700 mW on 3.3 V with all outputs and input equalizers
active. It operates at any data rate from dc to 6.25 Gbps per port.
Each input channel on the AD8156 has a programmable input
equalizer to compensate for signal loss over a backplane.
The AD8156 high speed inputs are compatible with both ac-
coupled and dc-coupled 3.3 V, 2.5 V, or 1.8 V CML, as well as
3.3 V LVPECL data levels. The control interface is LVTTL- and
LVCMOS-compatible at 3.3 V. All input and output termination
resistors are integrated for ease of layout and to minimize
impedance mismatch. Input equalization and unused outputs
can be individually disabled to minimize power dissipation.
The AD8156 is packaged in a 49-ball, 8 mm × 8 mm, BGA
package with a 1 mm ball pitch. It operates over the industrial
temperature range of −40°C to 85°C.


Similar Part No. - AD8156

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8156 AD-AD8156 Datasheet
534Kb / 20P
   Digital Crosspoint Switch with EQ
REV. 0
AD8156 AD-AD8156_15 Datasheet
534Kb / 20P
   Digital Crosspoint Switch with EQ
REV. 0
More results

Similar Description - AD8156

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8156 AD-AD8156_15 Datasheet
534Kb / 20P
   Digital Crosspoint Switch with EQ
REV. 0
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
AD8150 AD-AD8150 Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
   4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
   8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
   34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
   Digital Crosspoint Switch
REV. B
ADN4612 AD-ADN4612 Datasheet
64Kb / 2P
   11.3 Gbps 12X12 Digital Crosspoint
Rev. Sp0
AD8152 AD-AD8152 Datasheet
1Mb / 32P
   34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com