Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6RI100P-160 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 6RI100P-160
Description  Diode Module 1600V / 100A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6RI100P-160 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  6RI100P-160 Datasheet HTML 1Page - List of Unclassifed Manufacturers 6RI100P-160 Datasheet HTML 2Page - List of Unclassifed Manufacturers 6RI100P-160 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6Ri100P-160
Diode Module
Diode Module
1600V / 100A
Features
· Compact Package
· P.C. Board Mount Module
· Converter Diode Bridge
Applications
· Inverter for Motor Drive
· AC and DC Servo Drive Amplifier
· Uninterruptible Power Supply
Maximum ratings and characteristics
Absolute maximum ratings (Tc=25°C unless without specified)
Item
Symbol
Condition
Rating
Unit
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
Average output current
One cycle surge current
I2t
Operation junction temperature
Storage junction temperature
Isolation voltage
Mounting screw torque
VRRM
VRSM
IO
IFSM
I2t
Tj
Tstg
Viso
50Hz/60Hz sine wave
Tc=94°C
From rated load
From rated load
AC : 1 minute
M5 screw
1600
1760
100
1000
4000
-40 to +125
-40 to +125
3000
2.0 to 2.5
V
V
A
A
A2s
°C
°C
V
N·m
Fofward voltage
Reverse current
Electrical characteristics (Tj=25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Thermal characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Thermal resistance
Thermal Resistance(Case to fine)
VFM
IRRM
Rth(j-c)
Rth(c-f)
Tj=25°C, IFM=100A
Tj=150°C, VR=VRRM
Per total loss
Per each device
with thermal compound
1.30
20
0.14
0.84
0.08
V
mA
°C/W
°C/W


Similar Part No. - 6RI100P-160

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6RI100P-160 FUJI-6RI100P-160 Datasheet
151Kb / 3P
   Diode Module 1600V / 100A
More results

Similar Description - 6RI100P-160

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6RI100P-160 FUJI-6RI100P-160 Datasheet
151Kb / 3P
   Diode Module 1600V / 100A
logo
Nihon Inter Electronics...
PT10112 NIEC-PT10112 Datasheet
142Kb / 3P
   DIODE MODULE 100A/1200V/1600V
logo
MacMic
MMK100U160UX6J MACMIC-MMK100U160UX6J Datasheet
255Kb / 4P
   1600V 100A Thyristor/Diode Module
MMK150T160UX6J MACMIC-MMK150T160UX6J Datasheet
265Kb / 4P
   1600V 100A Thyristor/Diode Module
logo
Nihon Inter Electronics...
PC10012 NIEC-PC10012 Datasheet
219Kb / 3P
   DIODE MODULE 100A/1200 to 1600V
PGH10016AM NIEC-PGH10016AM Datasheet
234Kb / 4P
   THYRISTOR MODULE 100A / 1600V
logo
MacMic
MMK100T160UX MACMIC-MMK100T160UX Datasheet
741Kb / 5P
   1600V 100A Three Phase DiodeThyristor Module
MMK100U160UX MACMIC-MMK100U160UX Datasheet
636Kb / 5P
   1600V 100A Three Phase DiodeThyristor Module
logo
eupec GmbH
6R1MBI100P-160 EUPEC-6R1MBI100P-160 Datasheet
137Kb / 4P
   Diode Module with Brake (Diode:1600V / 100A, IGBT:1400A/75A)
logo
Micross Components
MIMMK100U160UX MICROSS-MIMMK100U160UX Datasheet
2Mb / 4P
   1600V 100A thyristor Module RoHS Compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com