Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF-27WTA-M02MA045 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # MF-27WTA-M02MA045
Description  2.7Gb/s Multi-rate WDM Transmitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-27WTA-M02MA045 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  MF-27WTA-M02MA045 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-27WTA-M02MA045 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-27WTA-M02MA045 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-27WTA-M02MA045 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-27WTA-M02MA045 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-27WTA-M02MA045 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-27WTA-M02MA045 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-27WTA-M02MA045 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-27WTA-M02MA045 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UQ9-04-006
Ed:1.0
Date:22.Dec.2004
Page 6 of 9
MITSUBISHI (OPTICAL DEVICES)
MF-27WTA-M0xMAxxx
2.7Gb/s Multi-rate WDM Transmitter
Pin assignment and description
No.
Symbol
Description
No.
Symbol
Description
1TEC_GND
Ground for TEC
4)
24
VCC
Positive power supply
2
BACK(+)
7)
Monitoring for back facet
PD current
(Analog-output)
23
GND
Ground
3LDA
7)
Laser Degrade Alarm
5)
(TTL-output)
22
CKI-
False clock input
4SDC
Shut Down Command
3)
(TTL-input)
21
GND
Ground
5
SELC
Clock mode select
2)
(TTL-input)
20
CKI+
True clock input
1)
6
GND
Ground
4)
19
GND
Ground
7TDA
6,7)
Temperature Deviation
Alarm
(TTL-output)
18
DI-
False data input
8
NUC
No user connection
17
GND
Ground
9
NUC
No user connection
16
DI+
True data input
10
WSC
8)
Wavelength Selection
Command (TTL-input)
15
GND
Ground
11
GND
Ground
14
VTEC
TEC supply voltage
12
NIC
No Internal Connection
13
VCC
Positive power supply
1) : The falling edge of CKI+ clock input signal is at the DI+ data eye pattern crossing point.
2) : When open (or low) the module operates in Clocked-mode. When high the module operates in Non-clocked-mode.
3) : When open (or low) the module is in the operating mode. When high the module is in the shut down mode (no optical output power).
4) : TEC_GND must be connected with GND.
5) : When provided a digital alarm indicates that the laser is degraded. The active level is a low level.
6) : Alarm indicating when the laser temperature exceeds the threshold level. The active level is a high level.
7) : BACK(+), LDA and TDA pin cannot drive capacitive load. Acceptable capacitance is less than 50pF.
8) : When open (or low) the module outputs wavelength 1. When high the module outputs wavelength 2. (See wavelength table.)


Similar Part No. - MF-27WTA-M02MA045

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-27WXC MITSUBISHI-MF-27WXC Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC47 MITSUBISHI-MF-27WXC-M41ZAC47 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC49 MITSUBISHI-MF-27WXC-M41ZAC49 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC51 MITSUBISHI-MF-27WXC-M41ZAC51 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC53 MITSUBISHI-MF-27WXC-M41ZAC53 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
More results

Similar Description - MF-27WTA-M02MA045

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1621-47 FINISAR-FTR-1621-47 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
logo
Analog Devices
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
logo
Vitesse Semiconductor C...
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
   10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
logo
Analog Devices
ADN2865 AD-ADN2865 Datasheet
455Kb / 33P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
Rev.PrA
logo
Vitesse Semiconductor C...
VSC830 VITESSE-VSC830 Datasheet
182Kb / 18P
   2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
logo
Finisar Corporation.
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX6871MCC FINISAR-FTLX6871MCC Datasheet
586Kb / 13P
   10GB/S DWDM 80KM MULTI-RATE TUNABLE SFP
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com