Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRBC-10A1AL Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SRBC-10A1AL
Description  NON-ISOLATED DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRBC-10A1AL Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SRBC-10A1AL Datasheet HTML 1Page - Bel Fuse Inc. SRBC-10A1AL Datasheet HTML 2Page - Bel Fuse Inc. SRBC-10A1AL Datasheet HTML 3Page - Bel Fuse Inc. SRBC-10A1AL Datasheet HTML 4Page - Bel Fuse Inc. SRBC-10A1AL Datasheet HTML 5Page - Bel Fuse Inc. SRBC-10A1AL Datasheet HTML 6Page - Bel Fuse Inc. SRBC-10A1AL Datasheet HTML 7Page - Bel Fuse Inc. SRBC-10A1AL Datasheet HTML 8Page - Bel Fuse Inc. SRBC-10A1AL Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
8.3 Vdc - 14 Vdc Input
0.75 Vdc - 5.0 Vdc/10 A Output
Non-Isolated
Under-voltage Lockout (UVLO)
High Efficiency
Over Temperature Protection
High Power Density
OCP/SCP
Excellent Thermal Performance
Wide Input
Low Cost
Wide Trim
Flexible Output Voltage
Remote On/Off
Remote Sense
Active Low/High (option)
Able to Sink/Source Current
Industrial Temperature Range
Description
The Bel SRBC-10A1Ax modules are a series of non-isolated dc/dc converters that deliver up to 10 A of output
current with full load efficiency of 93% at 3.3 V output. These modules provide precisely regulated voltage
programmable via external resistor from 0.75 V to 5.0 V over a wide range of input voltage (8.3 V - 14 V). The
open-frame construction and small footprint enable designers to develop cost and space-efficient solutions.
Standard features include remote On/Off, over current protection, short current protection, wide input, and
programmable output voltage.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active Low
Model Number
Active High
0.75 V - 5.0 V
8.3 V - 14 V
10 A
50.0 W
95%
SRBC-10A1AL
SRBC-10A1A0
Notes
: 1. Add “G” suffix at the end of the model number to indicate “Tray Packaging”.
2. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
15 V
Output Enable Terminal Voltage
-0.3 V
-
15 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
Note
: All specifications are typical at 25
°C unless otherwise stated.
SRBC-10A1Ax
RoHS Compliant
Rev.A


Similar Part No. - SRBC-10A1AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBC-10A1AL BEL-SRBC-10A1AL Datasheet
198Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRBC-10A1AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com