Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF-27WXE-M31ZA530 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # MF-27WXE-M31ZA530
Description  100Mbps-2.7Gbps, Multi-Rate DWDM SFP TRANSCEIVER MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-27WXE-M31ZA530 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button MF-27WXE-M31ZA530 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA530 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA530 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA530 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA530 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA530 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA530 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA530 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA530 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
UQ9-06-010
Ed:1.4
Date:02.Nov.2006
Page 8 of 14
MITSUBISHI (OPTICAL DEVICES)
MF-27WXE Series
100Mbps-2.7Gbps, Multi-Rate DWDM SFP TRANSCEIVER MODULE
Table 1
Timing of control and status I/O
The timing of the control and status line are listed in below and Figure 1 to 7.
Parameter
Symbol
Min
Max
Unit
Condition
TX_DISABLE Assert
Time
t_off
-
10
μs
Time from rising edge of TX_DISABLE to
when the optical output falls below 10% of
nominal
TX_DISABLE Negate
Time
t_on
-
1
ms
Time from falling edge of TX_DISABLE to
when the modulated optical output rises
above 90% of nominal
Time to Initialize,
Including Reset of
TX_FAULT
t_init
-
300
ms
From power on or negation of TX_FAULT
using TX_DISABLE
TX_FAULT Assert
Time
T_fault
-
100
μs
Time from fault to TX_FAULT on
TX_DISABLE to Reset
T_reset
10
-
μs
Time TX_DISABLE must be held high to
reset TX_FAULT
RX_LOS Assert Time
t_losson
-
100
μs
Time from LOS state to RX_LOS Assert
RX_LOS Negate Time
t_lossoff
-
100
μs
Time from non-LOS state to RX_LOS
de-assert
Serial ID Clock Rate
f_clock
-
100
kHz
-
Figure 1
Power on initialization of SFP transceiver, TX_DISABLE negated
Figure 2
Power on initialization of SFP transceiver, TX_DISABLE asserted
Figure 3
SFP TX_DISABLE timing during normal operation


Similar Part No. - MF-27WXE-M31ZA530

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-27WXC MITSUBISHI-MF-27WXC Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC47 MITSUBISHI-MF-27WXC-M41ZAC47 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC49 MITSUBISHI-MF-27WXC-M41ZAC49 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC51 MITSUBISHI-MF-27WXC-M41ZAC51 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC53 MITSUBISHI-MF-27WXC-M41ZAC53 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
More results

Similar Description - MF-27WXE-M31ZA530

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX6872MCC FINISAR-FTLX6872MCC Datasheet
805Kb / 15P
   10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
FTLX3671MTC20 FINISAR-FTLX3671MTC20 Datasheet
502Kb / 14P
   Industrial Temperature DWDM 10G Multi-Rate, 40km SFP Transceiver
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX6871MCC FINISAR-FTLX6871MCC Datasheet
586Kb / 13P
   10GB/S DWDM 80KM MULTI-RATE TUNABLE SFP
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com