Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRBA-06A2AX Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # SRBA-06A2AX
Description  NON-ISOLATED DC/DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRBA-06A2AX Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button SRBA-06A2AX_07 Datasheet HTML 2Page - Bel Fuse Inc. SRBA-06A2AX_07 Datasheet HTML 3Page - Bel Fuse Inc. SRBA-06A2AX_07 Datasheet HTML 4Page - Bel Fuse Inc. SRBA-06A2AX_07 Datasheet HTML 5Page - Bel Fuse Inc. SRBA-06A2AX_07 Datasheet HTML 6Page - Bel Fuse Inc. SRBA-06A2AX_07 Datasheet HTML 7Page - Bel Fuse Inc. SRBA-06A2AX_07 Datasheet HTML 8Page - Bel Fuse Inc. SRBA-06A2AX_07 Datasheet HTML 9Page - Bel Fuse Inc. SRBA-06A2AX_07 Datasheet HTML 10Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
8.3 Vdc - 14 Vdc Input
0.75 Vdc - 5.5 Vdc/6 A Output
Ripple and Noise Waveforms
Ripple and noise at full load, Vin=12 V, Vo=0.75 V
Ripple and noise at full load, Vin=12 V, Vo=1.2 V
Ripple and noise at full load, Vin=12 V, Vo=1.8 V
Ripple and noise at full load, Vin=12 V, Vo=2.5 V
Ripple and noise at full load, Vin=12 V, Vo=3.3 V
Ripple and noise at full load, Vin=12 V, Vo=5.0 V
Note:
The output ripple and noise is tested at 0-20 MHz BW, 10 uF/10 V tantalum capacitor and 1 uF/10 V
ceramic capacitor, Ta=25 deg C.


Similar Part No. - SRBA-06A2AX_07

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBA-06A2AX BEL-SRBA-06A2AX Datasheet
170Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/6 A Output
More results

Similar Description - SRBA-06A2AX_07

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com