Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF-27WXE-M11ZA540 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # MF-27WXE-M11ZA540
Description  100Mbps-2.7Gbps, Multi-Rate DWDM SFP TRANSCEIVER MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-27WXE-M11ZA540 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MF-27WXE-M11ZA540 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-27WXE-M11ZA540 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-27WXE-M11ZA540 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-27WXE-M11ZA540 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-27WXE-M11ZA540 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-27WXE-M11ZA540 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-27WXE-M11ZA540 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-27WXE-M11ZA540 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-27WXE-M11ZA540 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
UQ9-06-010
Ed:1.4
Date:02.Nov.2006
Page 2 of 14
MITSUBISHI (OPTICAL DEVICES)
MF-27WXE Series
100Mbps-2.7Gbps, Multi-Rate DWDM SFP TRANSCEIVER MODULE
3. Block diagram
Control
Circuits
(DDM)
Memory
L
MOD_DEF[2]
MOD_DEF[1]
RD+
TD+
RX_LOS
TX_DISABLE
TX_FAULT
OPT_IN
OPT_OUT
Bias
circuit
Fault Detector
Temperature
Monitor Circuit
RD-
TD-
APD BIAS CIRCUIT
(DC/DC Converter)
Signal Detect
Circuit
Limiting Amp
&Low pass Fil.
Driver
APD
TIA
ROSA
LD
Monitor
PD
TOSA
Supply Voltage
Monitor Circuit
LD Bias & Pout
Monitor Circuit
Rx Received Po
Monitor Circuit
A.T.C
Cooler/
Sensor
4. Absolute Maximum Ratings
Stress below listed absolute maximum rating may cause permanent damage to the module.
This is a stress only and functional operation of the module at these or any other conditions in excess of
those given in the operational sections of this data sheet.
Exposure to Absolute Maximum Rating for extended periods may affect module reliability.
Parameters
Symbol
Ratings
Unit
Supply voltage
Vcc
0 to +4.0
V
Storage temperature
Tstg
-40 to +85
°C
Operating case temperature
Tc
-5 to +70
°C
Relative humidity (non condensation)
-
5 to 85
%


Similar Part No. - MF-27WXE-M11ZA540

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-27WXC MITSUBISHI-MF-27WXC Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC47 MITSUBISHI-MF-27WXC-M41ZAC47 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC49 MITSUBISHI-MF-27WXC-M41ZAC49 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC51 MITSUBISHI-MF-27WXC-M41ZAC51 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC53 MITSUBISHI-MF-27WXC-M41ZAC53 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
More results

Similar Description - MF-27WXE-M11ZA540

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX6872MCC FINISAR-FTLX6872MCC Datasheet
805Kb / 15P
   10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
FTLX3671MTC20 FINISAR-FTLX3671MTC20 Datasheet
502Kb / 14P
   Industrial Temperature DWDM 10G Multi-Rate, 40km SFP Transceiver
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX6871MCC FINISAR-FTLX6871MCC Datasheet
586Kb / 13P
   10GB/S DWDM 80KM MULTI-RATE TUNABLE SFP
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com