Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41868W3228M002 Datasheet(PDF) 7 Page - EPCOS

Part # B41868W3228M002
Description  Long-life grade capacitors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41868W3228M002 Datasheet(HTML) 7 Page - EPCOS

Back Button B41868W3228M002 Datasheet HTML 3Page - EPCOS B41868W3228M002 Datasheet HTML 4Page - EPCOS B41868W3228M002 Datasheet HTML 5Page - EPCOS B41868W3228M002 Datasheet HTML 6Page - EPCOS B41868W3228M002 Datasheet HTML 7Page - EPCOS B41868W3228M002 Datasheet HTML 8Page - EPCOS B41868W3228M002 Datasheet HTML 9Page - EPCOS B41868W3228M002 Datasheet HTML 10Page - EPCOS B41868W3228M002 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
10 kHz
40
°C
ESRmax
120 Hz
20
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
150
°C
mA
IAC,max
100 kHz
125
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for
∅ ≥ 10 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm)
003 = for crimped leads, blister (for
∅ ≥ 16 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 35 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5 mm (from d
× l = 10 × 12.5 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 16 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 35 V DC
47
10
× 12.5 3.719
3.225
0.465
0.419
300
419
B41868W7476M***
100
10
× 16
1.825
1.516
0.228
0.208
426
596
B41868W7107M***
220
10
× 20
1.316
0.689
0.164
0.147
552
773
B41868W7227M***
330
12.5
× 20
1.134
0.459
0.142
0.130
673
943
B41868W7337M***
470
12.5
× 25
0.738
0.323
0.092
0.085
905
1266
B41868W7477M***
680
18
× 20
0.457
0.223
0.057
0.053
1291
1807
B41868W7687M***
1000
16
× 31.5 0.418
0.152
0.052
0.049
1475
2065
B41868W7108M***
1500
18
× 35
0.331
0.101
0.041
0.039
1861
2605
B41868W7158M***
1800
18
× 40
0.233
0.084
0.029
0.028
2325
3254
B41868W7188M***
VR = 50 V DC
100
10
× 20
1.316
1.263
0.164
0.147
552
773
B41868W6107M***
220
12.5
× 20
1.134
0.574
0.142
0.130
673
943
B41868W6227M***
330
12.5
× 25
0.738
0.383
0.092
0.085
905
1266
B41868W6337M***
470
16
× 31.5 0.418
0.269
0.052
0.049
1475
2065
B41868W6477M***
470
18
× 20
0.457
0.269
0.057
0.053
1291
1807
B41868R6477M***
1000
18
× 35
0.331
0.126
0.041
0.039
1861
2605
B41868W6108M***
1200
18
× 40
0.233
0.105
0.029
0.028
2325
3254
B41868W6128M***
B41868
Very high temperature capability
150
°C
Page 7 of 24
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41868W3228M002

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41868C5118M000 TDK-B41868C5118M000 Datasheet
84Kb / 2P
   Single Ended (Radial) Capacitors
B41868C5118M002 TDK-B41868C5118M002 Datasheet
84Kb / 2P
   Single Ended (Radial) Capacitors
B41868C5118M004 TDK-B41868C5118M004 Datasheet
84Kb / 2P
   Single Ended (Radial) Capacitors
B41868C5118M008 TDK-B41868C5118M008 Datasheet
84Kb / 2P
   Single Ended (Radial) Capacitors
B41868C5168M000 TDK-B41868C5168M000 Datasheet
84Kb / 2P
   Single Ended (Radial) Capacitors
More results

Similar Description - B41868W3228M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43566A4687Q000 EPCOS-B43566A4687Q000 Datasheet
182Kb / 9P
   Long-life grade capacitors
B41896 EPCOS-B41896 Datasheet
794Kb / 32P
   Long-life grade capacitors
B41888 EPCOS-B41888 Datasheet
717Kb / 27P
   Long-life grade capacitors Very low impedance
logo
Cornell Dubilier Electr...
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
550283U6R3AK2B CDE-550283U6R3AK2B Datasheet
399Kb / 8P
   High Ripple, Long Life, Computer Grade
300 CDE-300 Datasheet
487Kb / 11P
   Long-Life, Switching Power Grade Radial
550 CDE-550_17 Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
logo
Vishay Siliconix
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com