Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF-27WXC-M41ZAC59 Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # MF-27WXC-M41ZAC59
Description  2.5Gbps SFP TRANSCEIVER MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-27WXC-M41ZAC59 Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button MF-27WXC-M41ZAC59 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-27WXC-M41ZAC59 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-27WXC-M41ZAC59 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF-27WXC-M41ZAC59 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MF-27WXC-M41ZAC59 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor MF-27WXC-M41ZAC59 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor MF-27WXC-M41ZAC59 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor MF-27WXC-M41ZAC59 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor MF-27WXC-M41ZAC59 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
UQ9-06-009
Ed:1.0
Date:10.Oct.2006
Page 11 of 15
MITSUBISHI (OPTICAL DEVICES)
MF-27WXC Series
2.5Gbps SFP TRANSCEIVER MODULE
note 3 : This code is check sum code.
note 4 : These address shows unique device serial number.
note 5 : These address shows date code.
note 6 : These address are vendor specific area. Read only.
Figure 9
Serial ID Table
note 1 : These PNASCII codes depend on wavelength..
Data Address(54/55): 1470nm;4/7, 1490nm;4/9, 1510nm;5/1, 1530nm;5/3,
1550nm;5/5, 1570nm;5/7, 1590nm;5/9, 1610nm;6/1
note 2 : These codes depend on wavelength.
Data Address(60/61): 1470nm;05/BE, 1490nm;05/D2, 1510nm;05/E6, 1530nm;05/FA,
1550nm; 06/0E, 1570nm;06/22, 1590nm;06/36, 1610nm;06/4A
Data
Address
Name of Field
Data
[HEX]
ASCII
Data
Address
Name of Field
Data
[HEX]
ASCII
0
Identifier
03
64
Options
00
1
Ext. Identifier
04
65
Options
1A
2
Connector
07
66
BR, max
00
3
Transceiver
00
67
BR, min
00
4
Transceiver
0A
68
Vendor SN
note 4
*
5
Transceiver
00
69
Vendor SN
note 4
*
6
Transceiver
00
70
Vendor SN
note 4
*
7
Transceiver
00
71
Vendor SN
note 4
*
8
Transceiver
00
72
Vendor SN
note 4
*
9
Transceiver
00
73
Vendor SN
note 4
*
10
Transceiver
00
74
Vendor SN
note 4
*
11
Encoding
03
75
Vendor SN
note 4
*
12
BR, Nominal
19
76
Vendor SN
note 4
*
13
Reserved
00
77
Vendor SN
note 4
*
14
Length(9um)-km
32
78
Vendor SN
note 4
*
15
Length(9um)
FF
79
Vendor SN
note 4
*
16
Length(50um)
00
80
Vendor SN
note 4
*
17
Length(62.5um)
00
81
Vendor SN
note 4
*
18
Length(Copper)
00
82
Vendor SN
note 4
*
19
Reserved
00
83
Vendor SN
note 4
*
20
Vendor name
4D
M
84
Date code
note 5
*
21
Vendor name
49
I
85
Date code
note 5
*
22
Vendor name
54
T
86
Date code
note 5
*
23
Vendor name
53
S
87
Date code
note 5
*
24
Vendor name
55
U
88
Date code
note 5
*
25
Vendor name
42
B
89
Date code
note 5
*
26
Vendor name
49
I
90
Date code
note 5
*
27
Vendor name
53
S
91
Date code
note 5
*
28
Vendor name
48
H92 Diagnostic Monitoring Type
58
29
Vendor name
49
I
93
Enhanced Options
F0
30
Vendor name
20
SPACE
94
SFF-8472 Compliance
01
31
Vendor name
45
E
95
CC_EXT
note 3
32
Vendor name
4C
L
96
Vendor Specific
note 6
33
Vendor name
45
E
97
Vendor Specific
note 6
34
Vendor name
43
C
98
Vendor Specific
note 6
35
Vendor name
20
SPACE
99
Vendor Specific
note 6
36
Reserved
00
100
Vendor Specific
note 6
37
Vendor OUI
08
101
Vendor Specific
note 6
38
Vendor OUI
00
102
Vendor Specific
note 6
39
Vendor OUI
70
103
Vendor Specific
note 6
40
Vendor PN
4D
M
104
Vendor Specific
note 6
41
Vendor PN
46
F
105
Vendor Specific
note 6
42
Vendor PN
2D
-
106
Vendor Specific
note 6
43
Vendor PN
32
2
107
Vendor Specific
note 6
44
Vendor PN
37
7
108
Vendor Specific
note 6
45
Vendor PN
57
W
109
Vendor Specific
note 6
46
Vendor PN
58
X
110
Vendor Specific
note 6
47
Vendor PN
43
C
111
Vendor Specific
note 6
48
Vendor PN
4D
M
112
Vendor Specific
note 6
49
Vendor PN
34
4
113
Vendor Specific
note 6
50
Vendor PN
31
1
114
Vendor Specific
note 6
51
Vendor PN
5A
Z
115
Vendor Specific
note 6
52
Vendor PN
41
A
116
Vendor Specific
note 6
53
Vendor PN
43
C
117
Vendor Specific
note 6
54
Vendor PN
note 1
*
118
Vendor Specific
note 6
55
Vendor PN
note 1
*
119
Vendor Specific
note 6
56
Vendor rev
120
Vendor Specific
note 6
57
Vendor rev
121
Vendor Specific
note 6
58
Vendor rev
122
Vendor Specific
note 6
59
Vendor rev
123
Vendor Specific
note 6
60
Wavelength (*)
note 2
124
Vendor Specific
note 6
61
Wavelength (*)
note 2
125
Vendor Specific
note 6
62
Reserved
00
126
Vendor Specific
note 6
63
CC_BASE
note 3
127
Vendor Specific
note 6


Similar Part No. - MF-27WXC-M41ZAC59

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-27WXD MITSUBISHI-MF-27WXD Datasheet
301Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXD-M41ZAC47 MITSUBISHI-MF-27WXD-M41ZAC47 Datasheet
301Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXD-M41ZAC49 MITSUBISHI-MF-27WXD-M41ZAC49 Datasheet
301Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXD-M41ZAC51 MITSUBISHI-MF-27WXD-M41ZAC51 Datasheet
301Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXD-M41ZAC53 MITSUBISHI-MF-27WXD-M41ZAC53 Datasheet
301Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
More results

Similar Description - MF-27WXC-M41ZAC59

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-2500FXD MITSUBISHI-MF-2500FXD Datasheet
299Kb / 14P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXD MITSUBISHI-MF-27WXD Datasheet
301Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-2500FXE MITSUBISHI-MF-2500FXE Datasheet
307Kb / 16P
   2.5Gbps SFP TRANSCEIVER MODULE
logo
Optoway Technology Inc
SPS-93160W-DXXG OPTOWAY-SPS-93160W-DXXG Datasheet
264Kb / 6P
   2.5Gbps / 100GHz DWDM / 160km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9380W-DXXG OPTOWAY-SPS-9380W-DXXG Datasheet
264Kb / 6P
   2.5Gbps / 100GHz DWDM / 80km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9350W-DXXG OPTOWAY-SPS-9350W-DXXG Datasheet
259Kb / 6P
   2.5Gbps / 100GHz DWDM / 50km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-93120W-DXXG OPTOWAY-SPS-93120W-DXXG Datasheet
264Kb / 6P
   2.5Gbps / 100GHz DWDM / 120km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
logo
List of Unclassifed Man...
AJ716B ETC2-AJ716B Datasheet
157Kb / 4P
   Compatible SFP Transceiver Module - 8GFC
logo
Maxim Integrated Produc...
MAX24001 MAXIM-MAX24001 Datasheet
1Mb / 53P
   2.5GBPS TX BURST-MODE LASER TRANSCEIVER
Rev 0; 11/12
logo
Vitesse Semiconductor C...
VSC9142 VITESSE-VSC9142 Datasheet
249Kb / 30P
   SONET/SDH 2.5Gbps Transport Terminating Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com