Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT-100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GT-100
Description  100 Watts, Switchmode Power Supply, Single Output, Enclosed, Universal Input
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GT-100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GT-100 Datasheet HTML 1Page - List of Unclassifed Manufacturers GT-100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www .globtek.com
+1.201.784.1000
87
GT-100 SERIES-100W
100 Watts, Switchmode Power Supply,
Single Output, Enclosed, Universal Input
ISO 9001:2000
REGISTERED
ENCLOSURES
SIZE:
199 X 98 X 38 + 1 MM
CONFIGURATION: ENCLOSED SWITCHING
POWER SUPPLY, AL. ALLOY 3003 OR
EQUIVALENT, GOLD IRRIDITE, CHEM.
TREATED FINISH,, CHASSIS: “U’ CHANNEL,
WITH (7) MOUNTING METRIC INSERT M3,
AS SHOWN BELOW: (4) BOTTOM; (3)
RIGHT SIDE. COVER: “L” SHAPE WITH
HOLES SCREENED PATTERN FOR
NATURAL CONVECTION COOLING
THERMAL TRANSFER.
CHARTS
SPECIFICATIONS MAY CHANGE WITHOUT PRIOR NOTICE. CONSULT GLOBTEK CUSTOMER SERVICE FOR LATEST SPECIFICATIONS.
5V
6.5V / 7.5V
OUTPUT DERATING
STATIC CHARACTERISTICS
Combo Insides.qxd
11/5/2004
14:35
Page 87


Similar Part No. - GT-100

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
GT-10015-197J PREMO-GT-10015-197J Datasheet
192Kb / 1P
   Glass tube transponder inductors
GT-10015-238J PREMO-GT-10015-238J Datasheet
192Kb / 1P
   Glass tube transponder inductors
GT-10015-289J PREMO-GT-10015-289J Datasheet
192Kb / 1P
   Glass tube transponder inductors
GT-10015-344J PREMO-GT-10015-344J Datasheet
192Kb / 1P
   Glass tube transponder inductors
GT-10015-405J PREMO-GT-10015-405J Datasheet
192Kb / 1P
   Glass tube transponder inductors
More results

Similar Description - GT-100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GT-25 ETC2-GT-25 Datasheet
288Kb / 3P
   SWITCHING POWER SUPPLY, SINGLE OUTPUT: 25 WATTS, ENCLOSED, UNIVERSAL INPUT
logo
ETA-USA
ESS100 ETA-USA-ESS100 Datasheet
5Mb / 8P
   AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 100 WATTS UNIVERSAL INPUT
logo
List of Unclassifed Man...
SPN100 ETC1-SPN100 Datasheet
203Kb / 2P
   100 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
ETA-USA
ESS150 ETA-USA-ESS150 Datasheet
3Mb / 6P
   AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 150 WATTS UNIVERSAL INPUT
ESS30 ETA-USA-ESS30 Datasheet
3Mb / 7P
   AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 30 WATTS UNIVERSAL INPUT
OBH15S ETA-USA-OBH15S Datasheet
552Kb / 5P
   AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 15 WATTS UNIVERSAL INPUT
OBH40S ETA-USA-OBH40S Datasheet
686Kb / 7P
   AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 40 WATTS UNIVERSAL INPUT
ESS50 ETA-USA-ESS50 Datasheet
6Mb / 6P
   AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 50 WATTS UNIVERSAL INPUT
BBS ETA-USA-BBS Datasheet
936Kb / 7P
   AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 300 WATTS UNIVERSAL INPUT
ESS15 ETA-USA-ESS15 Datasheet
4Mb / 7P
   AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 15 WATTS UNIVERSAL INPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com