Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S05K275 Datasheet(PDF) 7 Page - EPCOS

Part # S05K275
Description  Leaded Varistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S05K275 Datasheet(HTML) 7 Page - EPCOS

Back Button S05K275 Datasheet HTML 3Page - EPCOS S05K275 Datasheet HTML 4Page - EPCOS S05K275 Datasheet HTML 5Page - EPCOS S05K275 Datasheet HTML 6Page - EPCOS S05K275 Datasheet HTML 7Page - EPCOS S05K275 Datasheet HTML 8Page - EPCOS S05K275 Datasheet HTML 9Page - EPCOS S05K275 Datasheet HTML 10Page - EPCOS S05K275 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
165 04/02
S05K115
180
± 10
300
5,0
110
247
274
S07K115
180
± 10
300
10,0
220
247
275
S10K115
180
± 10
300
25,0
445
248
276
S14K115
180
± 10
300
50,0
730
250
277
S20K115
180
± 10
300
100,0
1520
251
278
S05K130
205
± 10
340
5,0
100
247
274
S07K130
205
± 10
340
10,0
200
247
275
S10K130
205
± 10
340
25,0
400
248
276
S14K130
205
± 10
340
50,0
650
250
277
S20K130
205
± 10
340
100,0
1340
252
278
S05K140
220
± 10
360
5,0
95
247
274
S07K140
220
± 10
360
10,0
180
247
275
S10K140
220
± 10
360
25,0
370
248
276
S14K140
220
± 10
360
50,0
610
250
277
S20K140
220
± 10
360
100,0
1240
252
278
S05K150
240
± 10
395
5,0
90
247
274
S07K150
240
± 10
395
10,0
170
247
275
S10K150
240
± 10
395
25,0
350
248
276
S14K150
240
± 10
395
50,0
570
250
277
S20K150
240
± 10
395
100,0
1160
252
278
S05K175
270
± 10
455
5,0
75
247
274
S07K175
270
± 10
455
10,0
150
247
275
S10K175
270
± 10
455
25,0
300
248
276
S14K175
270
± 10
455
50,0
490
250
277
S20K175
270
± 10
455
100,0
1000
252
278
S05K230
360
± 10
595
5,0
60
247
274
S07K230
360
± 10
595
10,0
115
247
275
S10K230
360
± 10
595
25,0
230
248
276
S14K230
360
± 10
595
50,0
380
250
277
S20K230
360
± 10
595
100,0
760
252
278
S05K250
390
± 10
650
5,0
55
247
274
S07K250
390
± 10
650
10,0
105
247
275
S10K250
390
± 10
650
25,0
215
248
276
S14K250
390
± 10
650
50,0
350
250
277
S20K250
390
± 10
650
100,0
700
252
278
Characteristics (TA = 25 °C)
Type
(untaped)
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping voltage
Ctyp
(1 kHz)
pF
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
StandarD Series
Leaded Varistors


Similar Part No. - S05K275

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S05K275 ETC1-S05K275 Datasheet
138Kb / 1P
   ELECTRICAL SPECIFICATIONS, CONT. DISC TYPES
logo
EPCOS
S05K275E2 EPCOS-S05K275E2 Datasheet
113Kb / 11P
   Leaded Varistors
More results

Similar Description - S05K275

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0621K101 TDK-B72310S0621K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com