Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41888C3109M002 Datasheet(PDF) 8 Page - EPCOS

Part # B41888C3109M002
Description  Long-life grade capacitors Very low impedance
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41888C3109M002 Datasheet(HTML) 8 Page - EPCOS

Back Button B41888C3109M002 Datasheet HTML 4Page - EPCOS B41888C3109M002 Datasheet HTML 5Page - EPCOS B41888C3109M002 Datasheet HTML 6Page - EPCOS B41888C3109M002 Datasheet HTML 7Page - EPCOS B41888C3109M002 Datasheet HTML 8Page - EPCOS B41888C3109M002 Datasheet HTML 9Page - EPCOS B41888C3109M002 Datasheet HTML 10Page - EPCOS B41888C3109M002 Datasheet HTML 11Page - EPCOS B41888C3109M002 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
10 kHz
40
°C
ESRmax
120 Hz
20
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
IAC,max
100 kHz
85
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for
∅ ≥ 10 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm)
003 = for crimped leads, blister (for
∅ ≥ 16 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 35 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 8 × 11.5 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 25 V DC
2700
12.5
× 40
0.149
0.075
0.019
0.017
3350
4690
B41888C5278M***
2700
16
× 25
0.190
0.075
0.024
0.022
2930
4102
B41888D5278M***
3300
16
× 31.5 0.154
0.069
0.019
0.017
3600
5040
B41888C5338M***
3300
18
× 25
0.188
0.069
0.023
0.021
3200
4480
B41888D5338M***
3900
18
× 31.5 0.143
0.058
0.018
0.016
4247
5946
B41888C5398M***
4700
18
× 35
0.120
0.054
0.015
0.014
4300
6020
B41888C5478M***
5600
18
× 40
0.100
0.050
0.013
0.012
5327
7457
B41888C5568M***
VR = 35 V DC
150
8
× 11.5 1.630
1.011
0.204
0.183
690
966
B41888C7157M***
220
10
× 12.5 0.930
0.689
0.116
0.101
900
1260
B41888C7227M***
330
10
× 16
0.516
0.459
0.064
0.059
1240
1736
B41888C7337M***
470
10
× 20
0.403
0.323
0.050
0.046
1500
2100
B41888C7477M***
680
12.5
× 20
0.307
0.223
0.038
0.035
2000
2800
B41888C7687M***
1000
12.5
× 25
0.237
0.152
0.030
0.027
2459
3442
B41888C7108M***
1200
16
× 20
0.233
0.126
0.029
0.026
2530
3542
B41888C7128M***
1800
12.5
× 40
0.149
0.084
0.019
0.017
3350
4690
B41888C7188M***
1800
16
× 25
0.190
0.084
0.024
0.022
2930
4102
B41888D7188M***
1800
18
× 20
0.226
0.084
0.028
0.025
3000
4200
B41888E7188M***
2200
16
× 31.5 0.154
0.080
0.019
0.017
3600
5040
B41888C7228M***
2200
18
× 25
0.188
0.080
0.023
0.021
3200
4480
B41888D7228M***
2700
18
× 31.5 0.143
0.065
0.018
0.016
4247
5946
B41888C7278M***
3300
18
× 35
0.120
0.060
0.015
0.014
4300
6020
B41888C7338M***
3900
18
× 40
0.100
0.052
0.013
0.012
5327
7457
B41888C7398M***
VR = 50 V DC
100
8
× 11.5 4.920
1.263
0.615
0.540
500
700
B41888C6107M***
150
10
× 12.5 1.820
0.842
0.228
0.203
600
840
B41888C6157M***
220
10
× 16
1.030
0.574
0.129
0.115
1050
1470
B41888C6227M***
270
10
× 20
0.672
0.468
0.084
0.075
1180
1652
B41888C6277M***
470
12.5
× 20
0.518
0.269
0.065
0.060
1800
2520
B41888C6477M***
B41888
Extended useful life
105
°C
Page 8 of 27
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41888C3109M002

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41888C3109M002 TDK-B41888C3109M002 Datasheet
63Kb / 2P
   Single Ended (Radial) Capacitors
More results

Similar Description - B41888C3109M002

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JRD JBCAPACITORS-JRD Datasheet
480Kb / 3P
   Low Impedance, Long Life
logo
EPCOS
B43566A4687Q000 EPCOS-B43566A4687Q000 Datasheet
182Kb / 9P
   Long-life grade capacitors
logo
List of Unclassifed Man...
150CLZ ETC2-150CLZ Datasheet
342Kb / 12P
   Aluminum electrolytic capacitors SMD (Chip) Long life base plate, very low impedance
logo
EPCOS
B41896 EPCOS-B41896 Datasheet
794Kb / 32P
   Long-life grade capacitors
logo
RUBYCON CORPORATION
50YXF100MEFCTA8X11.5 RUBYCON-50YXF100MEFCTA8X11.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF330MEFC10X20 RUBYCON-50YXF330MEFC10X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
16YXF470MEFC10X12.5 RUBYCON-16YXF470MEFC10X12.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
logo
EPCOS
B41868 EPCOS-B41868 Datasheet
645Kb / 24P
   Long-life grade capacitors
logo
RUBYCON CORPORATION
63YXF100MEFC10X12.5 RUBYCON-63YXF100MEFC10X12.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF470MEFC12.5X20 RUBYCON-50YXF470MEFC12.5X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com