Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1608 Datasheet(PDF) 2 Page - EPCOS

Part # B1608
Description  Low-Loss Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1608 Datasheet(HTML) 2 Page - EPCOS

  B1608 Datasheet HTML 1Page - EPCOS B1608 Datasheet HTML 2Page - EPCOS B1608 Datasheet HTML 3Page - EPCOS B1608 Datasheet HTML 4Page - EPCOS B1608 Datasheet HTML 5Page - EPCOS B1608 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Aug 02, 2002
SAW Components
B1608
1472,0 MHz
Low-Loss Filter
Data Sheet
SMD ceramic package QCC8B
Features
s
Low loss RF filter for DAB
s
Usable passband 40 MHz
s
Unbalanced or balanced operation
s
No matching network required for operation
at 50
s
Ceramic package for Surface Mounted
Technology (SMT)
Terminals
s
Ni, gold-plated
Dimensions in mm, approx. weight 0,07 g
Pin configuration
1
Input ground or balanced input
2
Input
5
Output ground or balanced output
6
Output
3,7
To be grounded
4,8
Case – ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B1608
B39152-B1608-Z810
C61157-A7-A46
F61074-V8167-Z000
Maximum ratings
Operable temperature range
T
–20/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0V
Source power
PS
0
dBm
source and load impedance 50


Similar Part No. - B1608

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1608 EPCOS-B1608 Datasheet
79Kb / 9P
   SAW RF low loss filter
B1608 EPCOS-B1608_10 Datasheet
79Kb / 9P
   SAW RF low loss filter
More results

Similar Description - B1608

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3521 EPCOS-B3521 Datasheet
72Kb / 6P
   Low Loss Filter
logo
List of Unclassifed Man...
B3562 ETC1-B3562 Datasheet
73Kb / 6P
   LOW-LOSS FILTER
logo
EPCOS
B3677 EPCOS-B3677 Datasheet
103Kb / 7P
   Low-Loss Filter
B3574 EPCOS-B3574_1 Datasheet
78Kb / 6P
   Low Loss Filter
B3883 EPCOS-B3883 Datasheet
70Kb / 6P
   Low-Loss Filter
B9016 EPCOS-B9016 Datasheet
64Kb / 5P
   Low-Loss Filter
logo
List of Unclassifed Man...
B3844 ETC1-B3844 Datasheet
61Kb / 5P
   LOW-LOSS FILTER
B7745 ETC1-B7745 Datasheet
54Kb / 7P
   Low-Loss Filter
logo
EPCOS
B39710B3625U210 EPCOS-B39710B3625U210 Datasheet
68Kb / 6P
   Low-Loss Filter
Apr 04, 2001
B3655 EPCOS-B3655 Datasheet
72Kb / 6P
   Low-Loss Filter
B3691 EPCOS-B3691 Datasheet
63Kb / 7P
   Low-Loss Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com