Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43305B2687M000 Datasheet(PDF) 3 Page - EPCOS

Part # B43305B2687M000
Description  General-purpose grade capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43305B2687M000 Datasheet(HTML) 3 Page - EPCOS

  B43305B2687M000 Datasheet HTML 1Page - EPCOS B43305B2687M000 Datasheet HTML 2Page - EPCOS B43305B2687M000 Datasheet HTML 3Page - EPCOS B43305B2687M000 Datasheet HTML 4Page - EPCOS B43305B2687M000 Datasheet HTML 5Page - EPCOS B43305B2687M000 Datasheet HTML 6Page - EPCOS B43305B2687M000 Datasheet HTML 7Page - EPCOS B43305B2687M000 Datasheet HTML 8Page - EPCOS B43305B2687M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Specifications and characteristics in brief
Rated voltage VR
200 ... 450 V DC
Surge voltage VS
1.15
VR (for VR
≤ 250 V DC)
1.10
VR (for VR
≥ 400 V DC)
Rated capacitance CR
68 ... 3300 µF
Capacitance tolerance
±20%
M
Dissipation factor tan
δ V
R
≤ 250 V DC: tan δ ≤ 0.15
(20
°C, 120 Hz)
VR
≥ 400 V DC: tan δ ≤ 0.20
Leakage current Ileak
(5 min, 20
°C)
Self-inductance ESL
Approx. 20 nH
Useful life
Requirements:
85
°C, V
R, IAC,R
> 2000 h
∆C/C
≤ ±30% of initial value
40
°C, V
R, 1.1
IAC,R
> 100000 h
tan
δ
≤ 3 times initial specified limit
Ileak
≤ initial specified limit
Voltage endurance test
Post test requirements:
85
°C, V
R
2000 h
∆C/C
≤ ±10% of initial value
tan
δ
≤ 1.3 times initial specified limit
Ileak
≤ initial specified limit
Vibration resistance
test
To IEC 60068-2-6, test Fc:
Displacement amplitude 0.35 mm, frequency range 10 Hz ... 55 Hz,
acceleration max. 5 g, duration 3
× 2 h.
Capacitor mounted by its body which is rigidly clamped to the work
surface.
IEC climatic category
To IEC 60068-1:
VR
≤ 250 V DC: 40/085/56 ( 40 °C/+85 °C/56 days damp heat test)
VR
≥ 400 V DC: 25/085/56 ( 25 °C/+85 °C/56 days damp heat test)
Detail specification
Sectional specification
Similar to CECC 30301-806
IEC 60384-4
B43305
Ultra compact
85
°C
Page 3 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43305B2687M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43305B2687M000 EPCOS-B43305B2687M000 Datasheet
1,007Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B43305B2687M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41889 EPCOS-B41889 Datasheet
648Kb / 23P
   General-purpose grade capacitors
logo
List of Unclassifed Man...
MCGPR100V227M16X26-RH ETC2-MCGPR100V227M16X26-RH Datasheet
51Kb / 6P
   General Purpose Radial Capacitors
logo
Mallory performance clu...
GE151K MALLORY-GE151K Datasheet
469Kb / 3P
   General Purpose Disc Ceramic Capacitors
logo
AVX Corporation
04026D225KAT2A AVX-04026D225KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
logo
Illinois Capacitor, Inc...
102GCR050M ILLINOISCAPACITOR-102GCR050M Datasheet
24Kb / 1P
   85C General Purpose Ceramic Disc Capacitors
logo
AVX Corporation
0201ZD472KAT2A AVX-0201ZD472KAT2A Datasheet
125Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
1206YD226KAT2A AVX-1206YD226KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
0603YD105KAT4A AVX-0603YD105KAT4A Datasheet
107Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
0603ZD105KAT2A AVX-0603ZD105KAT2A Datasheet
125Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M Datasheet
138Kb / 6P
   105째C General Purpose Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com