Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B760 Datasheet(PDF) 2 Page - EPCOS

Part # B760
Description  Polymer chip capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B760 Datasheet(HTML) 2 Page - EPCOS

  B760 Datasheet HTML 1Page - EPCOS B760 Datasheet HTML 2Page - EPCOS B760 Datasheet HTML 3Page - EPCOS B760 Datasheet HTML 4Page - EPCOS B760 Datasheet HTML 5Page - EPCOS B760 Datasheet HTML 6Page - EPCOS B760 Datasheet HTML 7Page - EPCOS B760 Datasheet HTML 8Page - EPCOS B760 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Features
High volumetric efficiency
Ultra-low ESR
High permissible ripple current
Only 20% derating recommended
Stable temperature and frequency
characteristics
Operating temperature
55 … +105
°C
No ignition failure mode
Lead-free and material content compatible
with RoHS
Suitable for lead-free soldering
Taped and reeled to IEC 60286-3
Dimensional drawing
ΠEncapsulation: molded epoxy resin
 Cu-lead frame; tinned surface Sn 100
Polymer chip capacitors
B760
TOPcap - Basic
Page 2 of 26
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B760

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B76002D3379M025 KEMET-B76002D3379M025 Datasheet
726Kb / 27P
   Polymer Chip Capacitors27
B76010D1079M055 KEMET-B76010D1079M055 Datasheet
41Kb / 1P
   Capacitor, tantalum
logo
EPCOS
B7608 EPCOS-B7608 Datasheet
76Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 926,25 MHz
More results

Similar Description - B760

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520 KEMET-T520 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T530X477M006ATE006 KEMET-T530X477M006ATE006 Datasheet
220Kb / 2P
   POLYMER TANTALUM CHIP CAPACITORS
T525 KEMET-T525 Datasheet
565Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525 KEMET-T525_1 Datasheet
698Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520 KEMET-T520_1 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
logo
AVX Corporation
TCQB476M006R0070 AVX-TCQB476M006R0070 Datasheet
176Kb / 3P
   Automotive Conductive Polymer Chip Capacitors
logo
Rohm
TCO_B ROHM-TCO_B_12 Datasheet
133Kb / 7P
   Conductive polymer chip capacitors(Standard)
logo
AVX Corporation
TCQ AVX-TCQ Datasheet
494Kb / 4P
   Automotive Conductive Polymer Chip Capacitors
logo
Vishay Siliconix
T56 VISHAY-T56 Datasheet
624Kb / 17P
   vPolyTanTM Polymer Surface Mount Chip Capacitors,
logo
AVX Corporation
TCJ AVX-TCJ Datasheet
1Mb / 11P
   Conductive Polymer Solid Electrolytic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com