Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FU-632SEA-V61M79F Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # FU-632SEA-V61M79F
Description  1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-632SEA-V61M79F Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  FU-632SEA-V61M79F Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-632SEA-V61M79F Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-632SEA-V61M79F Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FU-632SEA-V61M79F Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FU-632SEA-V61M79F Datasheet HTML 5Page - Mitsubishi Electric Semiconductor FU-632SEA-V61M79F Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MAY06
(3/6)
Mitsubishi Electric Corporation reserves the right to make changes to the products or information contained herein
without notice. No liability is assumed as a result of their use or application.
MITSUBISHI CONFIDENTIAL
MITSUBISHI (OPTICAL DEVICES)
FU-632SEA-x61MyyF
1.55
μm EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
THERMAL CHARACTERISTICS (Tld=Tset, Tc=-20~70
°C)
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Rth25
Tld=25
°C
9.5
10
10.5
k
Ω
Thermistor resistance
Rth
Tld=Tset
(6.51)
(10)
(12.54)
k
Ω
B constant of Rth
B
-
-
3950
-
K
Cooler current
Ipe
If=Iop,Tld=Tset,Tc=70
°C
-
0.7
1.2
A
Cooler voltage
Vpe
If=Iop,Tld=Tset,Tc=70
°C
-
1.7
2.5
V
FIBER PIGTAIL SPECIFICATIONS
Parameter
Limits
Unit
Type
SM
-
Mode field diameter
9.5+/-1
μm
Cladding diameter
125+/-2
μm
Secondary coating outer diameter
0.9+/-0.1
mm
Connector
(Note 5)
-
Optical return loss of connector
40 (min)
dB
Note 6) SC/PC and FC/PC are available. Other connectors are also available for large quantities.
DOCUMENTATION (Tld=Tset)
Fiber output power vs. Laser forward current at Vm=0V, Tld=Tset
Fiber output power (Pf_ave) at If=Iop,2.48832Gb/s modulation,Tld=Tset and Tc=25
°C
Threshold current (Ith) at Tld=Tset and Tc=25
°C
Laser forward current (Iop) at Pf_ave > -1dBm, Vm=0V, Tld=Tset and Tc=25
°C
Laser forward voltage (Vop) at If = Iop, Vm=0V, Tld=Tset and Tc=25
°C
Laser operating temperature (Tset) at
λc. (Note 7)
Light emission central spectral wavelength (
λc) at If=Iop,2.48832Gb/s modulation,Tld=Tset and Tc=25°C
Monitor current (Imon) at If = Iop, Vm=0V, Tld=Tset and Tc=25
°C
Thermistor resistance (Rth) at
λc,Tld=Tset (Note 7)
Cooler current (Ipe) at If = Iop, Vm=0V, Tld=Tset
and Tc=70
°C
Cooler voltage (Vpe) at If = Iop, Vm=0V, Tld=Tset
and Tc=70
°C
Note 7) Tset is attached as a reference data. Rth should be used in order to tune the wavelength to the specified value
accurately.


Similar Part No. - FU-632SEA-V61M79F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-632SEA-3M11A MITSUBISHI-FU-632SEA-3M11A Datasheet
68Kb / 5P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL(WDM)
FU-632SEA-3M13A MITSUBISHI-FU-632SEA-3M13A Datasheet
68Kb / 5P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL(WDM)
FU-632SEA-3M15A MITSUBISHI-FU-632SEA-3M15A Datasheet
68Kb / 5P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL(WDM)
FU-632SEA-3M17A MITSUBISHI-FU-632SEA-3M17A Datasheet
68Kb / 5P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL(WDM)
FU-632SEA-3M19A MITSUBISHI-FU-632SEA-3M19A Datasheet
68Kb / 5P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL(WDM)
More results

Similar Description - FU-632SEA-V61M79F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-632SEA-3MXXA MITSUBISHI-FU-632SEA-3MXXA Datasheet
68Kb / 5P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL(WDM)
FU-68SDF-X9YYMZZF MITSUBISHI-FU-68SDF-X9YYMZZF Datasheet
171Kb / 6P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-XW5M1 MITSUBISHI-FU-650SDF-XW5M1 Datasheet
82Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-636SDF-F1M1 MITSUBISHI-FU-636SDF-F1M1 Datasheet
45Kb / 3P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-627SDF MITSUBISHI-FU-627SDF Datasheet
48Kb / 3P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-627SDF-FX1 MITSUBISHI-FU-627SDF-FX1 Datasheet
66Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X2MYYF MITSUBISHI-FU-653SEA-X2MYYF Datasheet
134Kb / 5P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X1M2F MITSUBISHI-FU-653SEA-X1M2F Datasheet
88Kb / 4P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X1M6F MITSUBISHI-FU-653SEA-X1M6F Datasheet
110Kb / 4P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-627SLD-F1M54 MITSUBISHI-FU-627SLD-F1M54 Datasheet
51Kb / 3P
   1.55 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com