Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41868W3568M000 Datasheet(PDF) 4 Page - EPCOS

Part # B41868W3568M000
Description  Long-life grade capacitors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41868W3568M000 Datasheet(HTML) 4 Page - EPCOS

  B41868W3568M000 Datasheet HTML 1Page - EPCOS B41868W3568M000 Datasheet HTML 2Page - EPCOS B41868W3568M000 Datasheet HTML 3Page - EPCOS B41868W3568M000 Datasheet HTML 4Page - EPCOS B41868W3568M000 Datasheet HTML 5Page - EPCOS B41868W3568M000 Datasheet HTML 6Page - EPCOS B41868W3568M000 Datasheet HTML 7Page - EPCOS B41868W3568M000 Datasheet HTML 8Page - EPCOS B41868W3568M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Dimensional drawing
With stand-off rubber seal
Diameters (mm): 10, 12.5, 16, 18
Dimensions and weights
Dimensions (mm)
Approx. weight
d +0.5
l
a
±0.5
b
g
10
12.5 +1.0
5.0
0.60
±0.05
1.6
10
16 +1.0
5.0
0.60
±0.05
1.9
10
20 +2.0
5.0
0.60
±0.05
2.6
12.5
20 +2.0
5.0
0.60
±0.05
3.6
12.5
25 +2.0
5.0
0.60
±0.05
4.5
16
20 +2.0
7.5
0.80
±0.05
5.5
16
31.5 +2.0
7.5
0.80
±0.05
7.8
18
20 +2.0
7.5
0.80
±0.1
8.0
18
35 +2.0
7.5
0.80
±0.1
13.0
18
40 +2.0
7.5
0.80
±0.1
16.0
B41868
Very high temperature capability
150
°C
Page 4 of 24
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41868W3568M000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41868C5118M000 TDK-B41868C5118M000 Datasheet
84Kb / 2P
   Single Ended (Radial) Capacitors
B41868C5118M002 TDK-B41868C5118M002 Datasheet
84Kb / 2P
   Single Ended (Radial) Capacitors
B41868C5118M004 TDK-B41868C5118M004 Datasheet
84Kb / 2P
   Single Ended (Radial) Capacitors
B41868C5118M008 TDK-B41868C5118M008 Datasheet
84Kb / 2P
   Single Ended (Radial) Capacitors
B41868C5168M000 TDK-B41868C5168M000 Datasheet
84Kb / 2P
   Single Ended (Radial) Capacitors
More results

Similar Description - B41868W3568M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43566A4687Q000 EPCOS-B43566A4687Q000 Datasheet
182Kb / 9P
   Long-life grade capacitors
B41896 EPCOS-B41896 Datasheet
794Kb / 32P
   Long-life grade capacitors
B41888 EPCOS-B41888 Datasheet
717Kb / 27P
   Long-life grade capacitors Very low impedance
logo
Cornell Dubilier Electr...
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
550283U6R3AK2B CDE-550283U6R3AK2B Datasheet
399Kb / 8P
   High Ripple, Long Life, Computer Grade
300 CDE-300 Datasheet
487Kb / 11P
   Long-Life, Switching Power Grade Radial
550 CDE-550_17 Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
logo
Vishay Siliconix
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com