Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41821A2228M002 Datasheet(PDF) 3 Page - EPCOS

Part # B41821A2228M002
Description  Single-ended capacitors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41821A2228M002 Datasheet(HTML) 3 Page - EPCOS

  B41821A2228M002 Datasheet HTML 1Page - EPCOS B41821A2228M002 Datasheet HTML 2Page - EPCOS B41821A2228M002 Datasheet HTML 3Page - EPCOS B41821A2228M002 Datasheet HTML 4Page - EPCOS B41821A2228M002 Datasheet HTML 5Page - EPCOS B41821A2228M002 Datasheet HTML 6Page - EPCOS B41821A2228M002 Datasheet HTML 7Page - EPCOS B41821A2228M002 Datasheet HTML 8Page - EPCOS B41821A2228M002 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Specifications and characteristics in brief
Series
B41821
B43821
Rated voltage VR
6.3 ... 100 V DC
160 ... 450 V DC
Surge voltage VS
1.15
VR
1.1
VR
Rated capacitance CR
0.1 ... 10000 µF
0.47 ... 560 µF
Capacitance tolerance
±20%
M
±20%
M
Dissipation factor tan
δ
(20
°C, 120 Hz)
For capacitance higher than 1000 µF add 0.02 for every increase of
1000 µF.
VR (V DC)
6.3
10
16
25
35
50
63
100 160 ...
450
tan
δ (max.)
0.28 0.24 0.20 0.16 0.14 0.12 0.12 0.10 0.20
Leakage current Ileak
(20
°C, 5 min)
or 3 µA, whichever is greater
Self-inductance ESL
Diameter (mm)
≤ 6.3
8 ... 12.5
16
18
20 ...
25
ESL (nH)
15
20
26
34
40
Useful life
85
°C, V
R, IAC,R
> 2000 h
> 3000 h
40
°C, V
R, 1.3
IAC,R
> 100000 h
40
°C, V
R, 1.6
IAC,R
> 100000 h
Requirements
∆C/C
≤ ±45% of initial value
tan
δ
≤ 3 times initial specified limit
Ileak
≤ initial specified limit
Voltage endurance test
85
°C, V
R
2000 h
2000 h
Post test requirements
∆C/C
≤ ±30% of initial value
tan
δ
≤ 2 times initial specified limit
Ileak
≤ initial specified limit
Vibration resistance test
To IEC 60068-2-6, test Fc:
Displacement amplitude 0.75 mm, frequency range 10 ... 2000 Hz,
acceleration max. 20 g, duration 3
× 2 h.
Capacitor rigidly clamped by the aluminum case.
IEC climatic category
To IEC 60068-1:
VR
≤ 250 V: 40/085/56 ( 40 °C/+85 °C/56 days damp heat test)
VR
≥ 350 V: 25/085/56 ( 25 °C/+85 °C/56 days damp heat test)
Sectional specification
IEC 60384-4
B41821, B43821
Standard series
85
°C
Page 3 of 36
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41821A2228M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821A2228M002 EPCOS-B41821A2228M002 Datasheet
683Kb / 41P
   Aluminum electrolytic capacitors
More results

Similar Description - B41821A2228M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
B41896 EPCOS-B41896_08 Datasheet
566Kb / 30P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com