Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B78148S1225J009 Datasheet(PDF) 7 Page - EPCOS

Part # B78148S1225J009
Description  Chokes and inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78148S1225J009 Datasheet(HTML) 7 Page - EPCOS

Back Button B78148S1225J009 Datasheet HTML 2Page - EPCOS B78148S1225J009 Datasheet HTML 3Page - EPCOS B78148S1225J009 Datasheet HTML 4Page - EPCOS B78148S1225J009 Datasheet HTML 5Page - EPCOS B78148S1225J009 Datasheet HTML 6Page - EPCOS B78148S1225J009 Datasheet HTML 7Page - EPCOS B78148S1225J009 Datasheet HTML 8Page - EPCOS B78148S1225J009 Datasheet HTML 9Page - EPCOS B78148S1225J009 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
11/05
RF chokes
B78108S
BC series
Please read the Important notes at the end of
this document.
B78148S
Color coding of the inductance value
The inductance value and tolerance are encoded by means of colored bands in accordance with
IEC 60062. The basic unit is
μH.
1st band 1st digit of inductance value
2nd band 2nd digit of inductance value
3rd band multiplier, i.e. the power of ten, by which the first two digits have to be multiplied.
4th band tolerance of the inductance value.
Examples:
Color code
1st band =
1st digit
2nd band =
2nd digit
3rd band =
multiplier
4th band =
tolerance
Colorless
± 20 % (M)
Silver
× 10-2 μH =
0.01
μH
± 10 % (K)
Gold
× 10-1 μH =
0.1
μH
± 5 % (J)
Black
0
× 100 μH =
1,01
μH—
Brown
1
1
× 101 μH =
10,01
μH
Red
2
2
× 102 μH =
100,01
μH
± 2 % (G)
Orange
3
3
× 103 μH =
1000,01
μH
Yellow
4
4
× 104 μH = 10000,01 μH
Green
5
5
× 105 μH = 100000,01 μH
Special
designs
manufactured
to
customer specifica-
tions are identified
by a white tolerance
band.
Blue
6
6
Violet
7
7
Grey
8
8
White
9
9
1st band
2nd band
3rd band
4th band
Decoding
Yellow
Violet
Gold
Silver
47
×
0.1
μH ± 10 %
= 47
×
0.1
μH ± 10 % =
4.7
μH ± 10 %
Brown
Green
Red
Gold
15
× 100,0 μH ± 5%
=15
× 100,0 μH ± 5 % = 1500,0 μH ± 5%


Similar Part No. - B78148S1225J009

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B78148S1222K000 TDK-B78148S1222K000 Datasheet
615Kb / 9P
   RF chokes, BC series
B78148S1223K000 TDK-B78148S1223K000 Datasheet
615Kb / 9P
   RF chokes, BC series
More results

Similar Description - B78148S1225J009

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82143A EPCOS-B82143A Datasheet
199Kb / 9P
   Chokes and inductors
B82111B EPCOS-B82111B Datasheet
112Kb / 6P
   Chokes and inductors
B82131 EPCOS-B82131 Datasheet
108Kb / 7P
   Chokes and inductors
logo
Pulse A Technitrol Comp...
B902 PULSE-B902 Datasheet
1Mb / 4P
   Inductors And Common Mode Chokes
logo
EPCOS
B82144A EPCOS-B82144A Datasheet
194Kb / 9P
   Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B82500C0000A002 TDK-B82500C0000A002 Datasheet
524Kb / 6P
   Inductors VHF chokes
logo
EPCOS
B82111B EPCOS-B82111B_10 Datasheet
110Kb / 7P
   Inductors VHF chokes
logo
XFMRS Inc.
ISO9001-CERT XFMRS-ISO9001-CERT Datasheet
676Kb / 6P
   Design and manufacture of chokes, inductors, transformers and connectors
logo
TDK Electronics
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
B82145A1104J000 TDK-B82145A1104J000 Datasheet
581Kb / 8P
   Inductors RF chokes, HLBC series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com