Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41821A4157M001 Datasheet(PDF) 9 Page - EPCOS

Part # B41821A4157M001
Description  Single-ended capacitors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41821A4157M001 Datasheet(HTML) 9 Page - EPCOS

Back Button B41821A4157M001 Datasheet HTML 5Page - EPCOS B41821A4157M001 Datasheet HTML 6Page - EPCOS B41821A4157M001 Datasheet HTML 7Page - EPCOS B41821A4157M001 Datasheet HTML 8Page - EPCOS B41821A4157M001 Datasheet HTML 9Page - EPCOS B41821A4157M001 Datasheet HTML 10Page - EPCOS B41821A4157M001 Datasheet HTML 11Page - EPCOS B41821A4157M001 Datasheet HTML 12Page - EPCOS B41821A4157M001 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Technical data and ordering codes
B41821
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
120 Hz
20
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
120 Hz
85
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for
∅ ≥ 10 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm)
003 = for crimped leads, blister (for
∅ ≥ 16 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 35 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 6.3 × 11 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 16 V DC
68
5
× 11
4.9
3.8
3.50
100
B41821A4686M***
100
5
× 11
3.3
2.6
2.40
180
B41821A4107M***
150
6.3
× 11
2.2
1.7
1.60
185
B41821A4157M***
220
6.3
× 11
1.5
1.2
1.10
260
B41821F4227M***
270
8
× 11.5
1.2
0.94
0.88
270
B41821A4277M***
330
8
× 11.5
1.0
0.77
0.72
370
B41821A4337M***
470
8
× 11.5
0.71
0.54
0.50
440
B41821F4477M***
560
10
× 12.5
0.59
0.46
0.42
550
B41821A4567M***
680
10
× 12.5
0.49
0.38
0.35
600
B41821F4687M***
1000
10
× 16
0.33
0.26
0.24
790
B41821A4108M***
1500
10
× 20
0.22
0.17
0.16
950
B41821F4158M***
2200
12.5
× 20
0.17
0.13
0.12
1300
B41821K4228M***
3300
12.5
× 25
0.12
0.09
0.09
1700
B41821F4338M***
3300
16
× 25
0.12
0.09
0.09
1800
B41821A4338M***
4700
16
× 25
0.09
0.07
0.07
2100
B41821A4478M***
6800
16
× 31.5
0.07
0.06
0.05
2300
B41821F4688M***
6800
18
× 31.5
0.07
0.06
0.05
2400
B41821A4688M***
8200
18
× 31.5
0.07
0.05
0.05
2450
B41821F4828M***
10000
18
× 35
0.06
0.05
0.04
2750
B41821F4109M***
VR = 25 V DC
47
5
× 11
5.6
4.3
4.0
115
B41821A5476M***
100
6.3
× 11
2.7
2.0
1.9
190
B41821A5107M***
150
6.3
× 11
1.8
1.4
1.3
195
B41821F5157M***
220
8
× 11.5
1.2
0.93
0.86
330
B41821A5227M***
270
8
× 11.5
1.0
0.76
0.70
350
B41821F5277M***
330
8
× 11.5
0.80
0.62
0.57
440
B41821F5337M***
330
10
× 12.5
0.80
0.62
0.57
440
B41821A5337M***
470
10
× 12.5
0.56
0.43
0.40
550
B41821B5477M***
B41821
Standard series
85
°C
Page 9 of 36
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41821A4157M001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821A4107M000 EPCOS-B41821A4107M000 Datasheet
683Kb / 41P
   Aluminum electrolytic capacitors
B41821A4107M001 EPCOS-B41821A4107M001 Datasheet
683Kb / 41P
   Aluminum electrolytic capacitors
B41821A4107M002 EPCOS-B41821A4107M002 Datasheet
683Kb / 41P
   Aluminum electrolytic capacitors
B41821A4107M003 EPCOS-B41821A4107M003 Datasheet
683Kb / 41P
   Aluminum electrolytic capacitors
More results

Similar Description - B41821A4157M001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
B41896 EPCOS-B41896_08 Datasheet
566Kb / 30P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com