Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41821A4157M001 Datasheet(PDF) 8 Page - EPCOS

Part # B41821A4157M001
Description  Single-ended capacitors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41821A4157M001 Datasheet(HTML) 8 Page - EPCOS

Back Button B41821A4157M001 Datasheet HTML 4Page - EPCOS B41821A4157M001 Datasheet HTML 5Page - EPCOS B41821A4157M001 Datasheet HTML 6Page - EPCOS B41821A4157M001 Datasheet HTML 7Page - EPCOS B41821A4157M001 Datasheet HTML 8Page - EPCOS B41821A4157M001 Datasheet HTML 9Page - EPCOS B41821A4157M001 Datasheet HTML 10Page - EPCOS B41821A4157M001 Datasheet HTML 11Page - EPCOS B41821A4157M001 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Technical data and ordering codes
B41821
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
120 Hz
20
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
120 Hz
85
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for
∅ ≥ 10 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm)
003 = for crimped leads, blister (for
∅ ≥ 16 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 35 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 6.3 × 11 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 6.3 V DC
220
6.3
× 11
2.1
1.6
1.5
230
B41821A2227M***
270
6.3
× 11
1.7
1.3
1.2
250
B41821A2277M***
330
6.3
× 11
1.4
1.1
1.0
280
B41821A2337M***
470
8
× 11.5
1.0
0.77
0.71
380
B41821A2477M***
560
8
× 11.5
0.83
0.64
0.59
410
B41821A2567M***
680
10
× 12.5
0.68
0.52
0.49
520
B41821A2687M***
1000
10
× 12.5
0.46
0.35
0.33
650
B41821A2108M***
1500
10
× 16
0.31
0.24
0.22
750
B41821A2158M***
2200
10
× 20
0.23
0.18
0.16
1000
B41821A2228M***
3300
10
× 20
0.16
0.12
0.11
1190
B41821A2338M***
4700
12.5
× 25
0.12
0.09
0.09
1600
B41821A2478M***
VR = 10 V DC
100
5
× 11
4.0
3.1
2.90
145
B41821A3107M***
150
6.3
× 11
2.7
2.1
1.90
160
B41821A3157M***
220
6.3
× 11
1.8
1.4
1.30
240
B41821A3227M***
270
6.3
× 11
1.5
1.2
1.10
255
B41821F3277M***
330
8
× 11.5
1.2
0.92
0.86
290
B41821A3337M***
470
8
× 11.5
0.85
0.65
0.61
400
B41821A3477M***
560
8
× 11.5
0.71
0.55
0.51
410
B41821F3567M***
680
10
× 12.5
0.59
0.45
0.42
460
B41821A3687M***
1000
10
× 12.5
0.40
0.31
0.29
650
B41821A3108M***
1500
10
× 20
0.27
0.21
0.19
740
B41821A3158M***
2200
10
× 20
0.20
0.15
0.14
1100
B41821A3228M***
3300
12.5
× 25
0.14
0.11
0.10
1550
B41821A3338M***
4700
16
× 20
0.11
0.08
0.08
1700
B41821A3478M***
6800
16
× 25
0.08
0.06
0.06
2250
B41821F3688M***
8200
16
× 31.5
0.08
0.06
0.06
2300
B41821F3828M***
10000
18
× 31.5
0.07
0.05
0.05
2600
B41821F3109M***
B41821
Standard series
85
°C
Page 8 of 36
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41821A4157M001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821A4107M000 EPCOS-B41821A4107M000 Datasheet
683Kb / 41P
   Aluminum electrolytic capacitors
B41821A4107M001 EPCOS-B41821A4107M001 Datasheet
683Kb / 41P
   Aluminum electrolytic capacitors
B41821A4107M002 EPCOS-B41821A4107M002 Datasheet
683Kb / 41P
   Aluminum electrolytic capacitors
B41821A4107M003 EPCOS-B41821A4107M003 Datasheet
683Kb / 41P
   Aluminum electrolytic capacitors
More results

Similar Description - B41821A4157M001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
B41896 EPCOS-B41896_08 Datasheet
566Kb / 30P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com