Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B81123C1682M289 Datasheet(PDF) 6 Page - EPCOS

Part # B81123C1682M289
Description  EMI suppression capacitors (MKP) Y1 / 250 VAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B81123C1682M289 Datasheet(HTML) 6 Page - EPCOS

  B81123C1682M289 Datasheet HTML 1Page - EPCOS B81123C1682M289 Datasheet HTML 2Page - EPCOS B81123C1682M289 Datasheet HTML 3Page - EPCOS B81123C1682M289 Datasheet HTML 4Page - EPCOS B81123C1682M289 Datasheet HTML 5Page - EPCOS B81123C1682M289 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
The following applies to all products named in this publication:
1.
Some parts of this publication contain statements about the suitability of our products for
certain areas of application. These statements are based on our knowledge of typical
requirements that are often placed on our products in the areas of application concerned. We
nevertheless expressly point out that such statements cannot be regarded as binding
statements about the suitability of our products for a particular customer application.
As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar
with them than the customers themselves. For these reasons, it is always ultimately
incumbent on the customer to check and decide whether an EPCOS product with the
properties described in the product specification is suitable for use in a particular customer
application.
2.
We also point out that in individual cases, a malfunction of passive electronic
components or failure before the end of their usual service life cannot be completely
ruled out in the current state of the art, even if they are operated as specified. In
customer applications requiring a very high level of operational safety and especially in
customer applications in which the malfunction or failure of a passive electronic component
could endanger human life or health (e.g. in accident prevention or life-saving systems), it
must therefore be ensured by means of suitable design of the customer application or other
action taken by the customer (e.g. installation of protective circuitry or redundancy) that no
injury or damage is sustained by third parties in the event of malfunction or failure of a
passive electronic component.
3.
The warnings, cautions and product-specific notes must be observed.
4.
In order to satisfy certain technical requirements, some of the products described in this
publication may contain substances subject to restrictions in certain jurisdictions (e.g.
because they are classed as “hazardous”). Useful information on this will be found in our
Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more
detailed questions, please contact our sales offices.
5.
We constantly strive to improve our products. Consequently, the products described in this
publication may change from time to time. The same is true of the corresponding product
specifications. Please check therefore to what extent product descriptions and specifications
contained in this publication are still applicable before or when you place an order.We also
reserve the right to discontinue production and delivery of products. Consequently, we
cannot guarantee that all products named in this publication will always be available.
6.
Unless otherwise agreed in individual contracts, all orders are subject to the current
version of the “General Terms of Delivery for Products and Services in the Electrical
Industry” published by the German Electrical and Electronics Industry Association
(ZVEI).
7.
The trade names EPCOS, EPCOS-JONES, Baoke, CeraDiode, CSSP, MLSC, PhaseCap,
PhaseMod, SIFI, SIKOREL, SilverCap, SIMID, SIOV, SIP5D, SIP5K, UltraCap, WindCap are
trademarks registered or pending in Europe and in other countries. Further information will
be found on the Internet at www.epcos.com/trademarks.
Important notes
Page 6 of 6


Similar Part No. - B81123C1682M289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81123C1682M289 EPCOS-B81123C1682M289 Datasheet
286Kb / 16P
   EMI Suppression Capacitors (MKP)
B81123C1682M289 EPCOS-B81123C1682M289 Datasheet
286Kb / 16P
   Film Capacitors
More results

Similar Description - B81123C1682M289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81122 EPCOS-B81122 Datasheet
150Kb / 7P
   EMI suppression capacitors (MKP) Y2 / 250 VAC
B81130 EPCOS-B81130_04 Datasheet
164Kb / 6P
   EMI suppression capacitors (MKP) X2 / 275 VAC
B32924C3105M EPCOS-B32924C3105M Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
B32023A3683M EPCOS-B32023A3683M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32921 TDK-B32921_16 Datasheet
648Kb / 24P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
B32021A3472M EPCOS-B32021A3472M Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32922C3334K189 EPCOS-B32922C3334K189 Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
B81130C1103289 EPCOS-B81130C1103289 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
B32921CD EPCOS-B32921CD Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com