Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RLC-25T12L Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 0RLC-25T12L
Description  ISOLATED DC/DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RLC-25T12L Datasheet(HTML) 4 Page - Bel Fuse Inc.

  0RLC-25T12L Datasheet HTML 1Page - Bel Fuse Inc. 0RLC-25T12L Datasheet HTML 2Page - Bel Fuse Inc. 0RLC-25T12L Datasheet HTML 3Page - Bel Fuse Inc. 0RLC-25T12L Datasheet HTML 4Page - Bel Fuse Inc. 0RLC-25T12L Datasheet HTML 5Page - Bel Fuse Inc. 0RLC-25T12L Datasheet HTML 6Page - Bel Fuse Inc. 0RLC-25T12L Datasheet HTML 7Page - Bel Fuse Inc. 0RLC-25T12L Datasheet HTML 8Page - Bel Fuse Inc. 0RLC-25T12L Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 Vdc Input
3.3 Vdc - 24 Vdc/7 A - 1.25 A Output
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit On)
-0.3 V
-
0.8 V
Signal High (Unit Off)
Active Low
3.5 V
-
12 V
Signal Low (Unit Off)
-0.3 V
-
0.8 V
Signal High (Unit On)
Active High
3.5 V
-
12 V
The remote On/Off pin open,
Unit On.
Current Sink
0.3 mA
-
0.75 mA
Output Trim Equations
Equations for calculating the trim resistor (in kΩ) given the desired adjusted voltage (Vadj) and the nominal
output voltage of the converter (Vnom) are shown below. The Trim Down resistor should be connected between
the Trim pin and Vout. The Trim Up resistor should be connected between the Trim pin and Ground. Only one of
the resistors should be used for any given application.
B
V
V
A
R
adj
nom
down
trim
=
_
D
V
V
C
R
nom
adj
up
trim
=
_
Vnom
A
B
C
D
24.0
272.305
15.664
31.634
3.010
15.0
92.125
9.360
18.400
2.000
12.0
53.320
9.260
14.025
3.650
5.0
19.300
15.120
6.350
10.000
3.3
21.711
40.610
13.032
30.100
Rtrim_down
Module
Vout
GND
Trim
Rtrim_up
Module
Vout
GND
Trim


Similar Part No. - 0RLC-25T12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RLC-25T12L BEL-0RLC-25T12L Datasheet
376Kb / 12P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RLC-25T12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com