Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCS410-P Datasheet(PDF) 2 Page - Microchip Technology

Part # HCS410-P
Description  KEELOQ짰 Code Hopping Encoder and Transponder
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410-P Datasheet(HTML) 2 Page - Microchip Technology

  HCS410-P Datasheet HTML 1Page - Microchip Technology HCS410-P Datasheet HTML 2Page - Microchip Technology HCS410-P Datasheet HTML 3Page - Microchip Technology HCS410-P Datasheet HTML 4Page - Microchip Technology HCS410-P Datasheet HTML 5Page - Microchip Technology HCS410-P Datasheet HTML 6Page - Microchip Technology HCS410-P Datasheet HTML 7Page - Microchip Technology HCS410-P Datasheet HTML 8Page - Microchip Technology HCS410-P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
HCS410
DS40158E-page 2
Preliminary
 2001 Microchip Technology Inc.
DESCRIPTION
The HCS410 is a code hopping transponder device
designed for secure entry systems. The HCS410 uti-
lizes the patented KEELOQ code hopping system and
bi-directional challenge-and-response for logical and
physical access control. High security learning mecha-
nisms make this a turnkey solution when used with the
KEELOQ decoders. The encoder keys and synchroniza-
tion information are stored in protected on-chip
EEPROM.
A low cost batteryless transponder can be imple-
mented with the addition of an inductor and two capac-
itors. A packaged module including the inductor and
capacitor will also be offered.
A single HCS410 can be used as an encoder for
Remote Keyless Entry (RKE) and a transponder for
immobilization in the same circuit and thereby dramat-
ically reducing the cost of hybrid transmitter/transpon-
der circuits.
1.0
SYSTEM OVERVIEW
1.1
Key Terms
• Anti-Collision – Allows two transponders to be in
the files simultaneously and be verified individu-
ally.
• CH Mode – Code Hopping Mode. The HCS410
transmits a 69-bit transmission each time it is acti-
vated, with at least 32-bits changing each time the
encoder is activated.
• Encoder Key – A unique 64-bit key generated and
programmed into the encoder during the manu-
facturing process. The encoder key controls the
encryption algorithm and is stored in EEPROM on
the encoder device.
• IFF – Identify friend or foe is a means of validating
a token. A decoder sends a random challenge to
the token and checks that the response of the
token is a valid response.
• KEELOQ Encryption Algorithm – The high security
level of the HCS410 is based on the patented
KEELOQ technology. A block cipher encryption
algorithm based on a block length of 32 bits and a
key length of 64 bits is used. The algorithm
obscures the information in such a way that even
if the unencrypted/challenge information differs by
only one bit from the information in the previous
transmission/challenge, the next coded transmis-
sion/response will be totally different. Statistically,
if only one bit in the 32-bit string of information
changes, approximately 50 percent of the coded
transmission will change.
• Learn – The HCS product family facilitates sev-
eral learning strategies to be implemented on the
decoder. The following are examples of what can
be done.
Normal Learn –The receiver uses the same infor-
mation that is transmitted during normal operation to
derive the transmitter’s encoder key, decrypt the dis-
crimination value and the synchronization counter.
Secure Learn* – The transmitter is activated through
a special button combination to transmit a stored
60-bit value (random seed) that can be used for key
generation or be part of the key. Transmission of the
random seed can be disabled after learning is com-
pleted.
• Manufacturer’s Code – A 64-bit word, unique to
each manufacturer, used to produce a unique
encoder key in each transmitter (encoder).
• Passive Proximity Activation – When the HCS410
is brought into in a magnetic field without a
command given by the base station, the HCS410
can be programmed to give an RF transmission.
• Transport Code – A 32-bit transport code needs to
be given before the HCS410 can be inductively
programmed. This prevents accidental
programming of the HCS410.


Similar Part No. - HCS410-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS410-P MICROCHIP-HCS410-P Datasheet
259Kb / 36P
   KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
More results

Similar Description - HCS410-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS412 MICROCHIP-HCS412_11 Datasheet
1Mb / 52P
   KEELOQ짰 Code Hopping Encoder and Transponder Burglar alarm systems
2011
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
   KEELOQ짰 Code Hopping Encoder
2001
HCS473 MICROCHIP-HCS473 Datasheet
1Mb / 68P
   Code Hopping Encoder and Transponder
2002
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
   KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS412 MICROCHIP-HCS412 Datasheet
704Kb / 44P
   KEELOQ Code Hopping Encoder and Transponder
2002
HCS410 MICROCHIP-HCS410 Datasheet
259Kb / 36P
   KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
HCS360 MICROCHIP-HCS360_11 Datasheet
800Kb / 40P
   KEELOQ짰 Code Hopping Encoder outline and low cost,
2011
HCS410 MICROCHIP-HCS410_11 Datasheet
1Mb / 46P
   KEELOQ짰 Code Hopping Encoder and Transponder 2-bit CRC, 2-bit queue
2011
HCS320 MICROCHIP-HCS320_11 Datasheet
740Kb / 38P
   KEELOQ짰 Code Hopping Encoder Automatic code word completion
2011
HCS361 MICROCHIP-HCS361_11 Datasheet
814Kb / 42P
   KEELOQ짰 Code Hopping Encoder incorporates high security,
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com