Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RLC-10T033 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0RLC-10T033
Description  ISOLATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RLC-10T033 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0RLC-10T033 Datasheet HTML 1Page - Bel Fuse Inc. 0RLC-10T033 Datasheet HTML 2Page - Bel Fuse Inc. 0RLC-10T033 Datasheet HTML 3Page - Bel Fuse Inc. 0RLC-10T033 Datasheet HTML 4Page - Bel Fuse Inc. 0RLC-10T033 Datasheet HTML 5Page - Bel Fuse Inc. 0RLC-10T033 Datasheet HTML 6Page - Bel Fuse Inc. 0RLC-10T033 Datasheet HTML 7Page - Bel Fuse Inc. 0RLC-10T033 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 Vdc Input, 3.3 Vdc/2 A, 5 Vdc/2 A, 12 Vdc/1 A, 24 Vdc/0.5 A Output
Isolated
Low Cost
Fixed Frequency
Trim
High Power Density
OCP/SCP
High Efficiency
Output Over-Voltage Shutdown
Safety Approval to UL60950-1 (Pending)
Remote On/Off
Active Low/High (Option)
Description
The 0RLC-10T Series are isolated dc/dc converters that operate from a nominal 48 Vdc source. These units will
provide up to 12 W of output power from a nominal 48 Vdc input. These units are designed to be highly efficient
and very low cost. Features include remote on/off, over current protection and short circuit protection. These
converters are provided in an industry standard package.
Part Selection
Output
Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active High
Model Number
Active Low
3.3 Vdc
36 Vdc - 75 Vdc
2 A
6.6 W
77%
0RLC-10T033
0RLC-10T03L
5.0 Vdc
36 Vdc - 75 Vdc
2 A
10 W
82%
0RLC-10T050
0RLC-10T05L
12 Vdc
36 Vdc - 75 Vdc
1 A
12 W
83%
0RLC-10T120
0RLC-10T12L
24 Vdc
36 Vdc - 75 Vdc
0.5 A
12 W
85%
0RLC-10T240
0RLC-10T24L
Notes:
1. Add “G” suffix at the end of the model number to indicate Tray Packaging.
2. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Continuous Input Voltage
-0.3 V
-
75 V
Peak/Surge Input Voltage
-0.3 V
-
100 V
Transients of 100 ms or less in duration
Remote On/Off (Active Low)
-0.3 V
-
18 V
Remote On/Off (Active High)
-0.3 V
-
7 V
Ambient Temperature
0
°C
-
70
°C
Storage Temperature
-40
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
36 V
-
75 V
Input Current (no load)
-
-
40 mA
Input Current (full load)
-
-
0.45 A
Remote Off Input Current (Active Low)
-
5 mA
10 mA
Remote Off Input Current (Active High)
-
10 mA
Input Reflected Ripple Current
(pk-pk)
-
15 mA
30 mA
Input Reflected Ripple Current
(rms)
-
5 mA
10 mA
With simulated source impedance of
10 uH, 5 Hz to 20 MHz; use a
47uF/100 V electrolytic capacitor
with ESR = 1 ohm max. at 200 kHz
at 25
°C.
I
2t Inrush Current Transient
-
0.039 A
2s
0.062 A
2s
Turn-on Voltage Threshold
-
30 V
-
Note:
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated.
0RLC-10Txxx Series
RoHS Compliant
Rev.A


Similar Part No. - 0RLC-10T033

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RLC-10U050 BEL-0RLC-10U050 Datasheet
150Kb / 5P
   ISOLATED DC/DC CONVERTERS
0RLC-10U05L BEL-0RLC-10U05L Datasheet
150Kb / 5P
   ISOLATED DC/DC CONVERTERS
0RLC-10U05X BEL-0RLC-10U05X Datasheet
150Kb / 5P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RLC-10T033

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com