Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ317 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ317
Description  3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ317 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ317 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ317 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ317 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ317 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ317 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ317 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ317 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ317 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ317 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317
Data Sheet
1
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
General Description
The AZ317 is an adjustable three-terminal positive
voltage regulator with a very low dropout of 1.2V at
1A output current. Using 2 external resistors, the
AZ317 can provide an adjustable output voltage down
to 1.25V.
The AZ317 includes a circuit of trimmed bandgap ref-
erence to assure output voltage accuracy to be within
1%. It also provides current limiting and thermal shut-
down. The current limit is trimmed to ensure specified
output current and controlled short-circuit current. The
On-chip thermal limiting provides protection against
any combination of overload and ambient temperature
that would create excessive junction temperature.
The AZ317 is available in the standard SOT-223, TO-
220-3, TO-252-2 (1) and TO-263-3 power packages.
Features
·
Typical 1% Output Voltage Tolerance
·
Typical 0.01%/V Line Regulation
·
Typical 0.2% Load Regulation
·
Very Low Dropout Voltage: 1.2V at 1A Output
Current
·
Trimmed Current Limit
·
On-chip Thermal Protection
·
Operation Junction Temperature: 0 to 125oC
Applications
·
PC Motherboard
·
LCD Monitor
·
Graphic Card
·
DVD Player
·
Network Interface Card/Switch
·
Telecom Equipment
·
Printer and other Peripheral Equipment
Figure 1. Package Types of AZ317
SOT-223
TO-220-3
TO-252-2 (1)
TO-263-3


Similar Part No. - AZ317

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317D BCDSEMI-AZ317D Datasheet
177Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317D-E1 BCDSEMI-AZ317D-E1 Datasheet
177Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317DTR BCDSEMI-AZ317DTR Datasheet
177Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317DTR-E1 BCDSEMI-AZ317DTR-E1 Datasheet
177Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - AZ317

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317_13 Datasheet
786Kb / 15P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
UTCLM317 UTC-UTCLM317 Datasheet
29Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GELM317 ETC2-GELM317 Datasheet
281Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Continental Device Indi...
LM317 CDIL-LM317 Datasheet
402Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
First Silicon Co., Ltd
FR317LSC FS-FR317LSC Datasheet
484Kb / 3P
   3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317P FS-FR317P Datasheet
280Kb / 5P
   3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317L FS-FR317L Datasheet
197Kb / 5P
   3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
LM317 ETC-LM317 Datasheet
202Kb / 3P
   3-TERMINAL 1A POSTIVE ADJUSTABLE REGULATOR
logo
SHANTOU HUASHAN ELECTRO...
HTL431 HUASHAN-HTL431 Datasheet
230Kb / 3P
   3-TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com