Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC244AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC244AD
Description  Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC244AD Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC244AD Datasheet HTML 1Page - NXP Semiconductors 74LVC244AD Datasheet HTML 2Page - NXP Semiconductors 74LVC244AD Datasheet HTML 3Page - NXP Semiconductors 74LVC244AD Datasheet HTML 4Page - NXP Semiconductors 74LVC244AD Datasheet HTML 5Page - NXP Semiconductors 74LVC244AD Datasheet HTML 6Page - NXP Semiconductors 74LVC244AD Datasheet HTML 7Page - NXP Semiconductors 74LVC244AD Datasheet HTML 8Page - NXP Semiconductors 74LVC244AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
2003 Oct 30
3
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant
inputs/outputs (3-state)
74LVC244A; 74LVCH244A
ORDERING INFORMATION
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
a) L = LOW voltage level;
b) X = don’t care;
c) Z = high-impedance OFF-state.
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
74LVC244AD
−40 to +125 °C
20
SO20
plastic
SOT163-1
74LVCH244AD
−40 to +125 °C
20
SO20
plastic
SOT163-1
74LVC244ADB
−40 to +125 °C
20
SSOP20
plastic
SOT339-1
74LVCH244ADB
−40 to +125 °C
20
SSOP20
plastic
SOT339-1
74LVC244APW
−40 to +125 °C
20
TSSOP20
plastic
SOT360-1
74LVCH244APW
−40 to +125 °C
20
TSSOP20
plastic
SOT360-1
74LVC244ABQ
−40 to +125 °C
20
DHVQFN20
plastic
SOT764-1
74LVCH244ABQ
−40 to +125 °C
20
DHVQFN20
plastic
SOT764-1
INPUT
OUTPUT
nOE
nAn
nYn
LLL
LH
H
HX
Z


Similar Part No. - 74LVC244AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC244AD PHILIPS-74LVC244AD Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-Statetitle
1998 May 20
74LVC244AD NXP-74LVC244AD Datasheet
121Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 06-13 August 2009
74LVC244AD NXP-74LVC244AD Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74LVC244AD NEXPERIA-74LVC244AD Datasheet
286Kb / 17P
   Octal buffer/line driver; 3-state
Rev. 12 - 16 September 2021
74LVC244AD-Q100 NEXPERIA-74LVC244AD-Q100 Datasheet
259Kb / 15P
   Octal buffer/line driver; 3-state
Rev. 6 - 15 February 2021
More results

Similar Description - 74LVC244AD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC541A NEXPERIA-74LVC541A Datasheet
253Kb / 13P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 6 - 27 August 2021
74LVC541A-Q100 NEXPERIA-74LVC541A-Q100 Datasheet
713Kb / 16P
   Octal buffer/line driver with 5 V tolerant inputs/outputs;3-state
logo
NXP Semiconductors
74LVC541A PHILIPS-74LVC541A_15 Datasheet
294Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
74LVC240A PHILIPS-74LVC240A_15 Datasheet
265Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
Rev. 8-29 November 2011
74LVC241A PHILIPS-74LVC241A Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 May 20
74LVC541A PHILIPS-74LVC541A Datasheet
94Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC240A PHILIPS-74LVC240A Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
74LVC2G241 PHILIPS-74LVC2G241 Datasheet
103Kb / 18P
   Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
2005 Feb 02
logo
Nexperia B.V. All right...
74LVC827A NEXPERIA-74LVC827A Datasheet
1Mb / 16P
   10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4 - 25 November 2011
74LVC16241A NEXPERIA-74LVC16241A Datasheet
216Kb / 12P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 26 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com