Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC244A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC244A
Description  Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC244A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC244A Datasheet HTML 4Page - NXP Semiconductors 74LVC244A Datasheet HTML 5Page - NXP Semiconductors 74LVC244A Datasheet HTML 6Page - NXP Semiconductors 74LVC244A Datasheet HTML 7Page - NXP Semiconductors 74LVC244A Datasheet HTML 8Page - NXP Semiconductors 74LVC244A Datasheet HTML 9Page - NXP Semiconductors 74LVC244A Datasheet HTML 10Page - NXP Semiconductors 74LVC244A Datasheet HTML 11Page - NXP Semiconductors 74LVC244A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
2003 Oct 30
8
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant
inputs/outputs (3-state)
74LVC244A; 74LVCH244A
Notes
1. All typical values are measured at VCC = 3.3 V and Tamb =25 °C.
2. For bushold parts, the bushold circuit is switched off when VI >VCC allowing 5.5 V on the input pin.
3. Valid for data inputs of bushold parts (74LVCH244A) only. For data inputs only, control inputs do not have a bushold
circuit.
4. The specified sustaining current at the data inputs do not have a bushold circuit.
5. The specified overdrive current at the data input forces the data input to the opposite logic input state.
Tamb = −40 to +125 °C
VIH
HIGH-level input voltage
1.2
VCC
−−
V
2.7 to 3.6
2.0
−−
V
VIL
LOW-level input voltage
1.2
−−
GND
V
2.7 to 3.6
−−
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −100 µA
2.7 to 3.6
VCC − 0.3
−−
V
IO = −12 mA
2.7
VCC − 0.65
−−
V
IO = −18 mA
3.0
VCC − 0.75
−−
V
IO = −24 mA
3.0
VCC − 1
−−
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO = 100 µA
2.7 to 3.6
−−
0.3
V
IO = 12 mA
2.7
−−
0.6
V
IO = 24 mA
3.0
−−
0.8
V
ILI
input leakage current
VI = 5.5 V or GND;
notes 2
3.6
−−
±20
µA
IOZ
3-state output OFF-state
current
VI =VIH or VIL;
VO = 5.5 V or GND;
notes 2
3.6
−−
±20
µA
Ioff
power-off leakage supply
current
VI or VO = 5.5 V
0.0
−−
±20
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0
3.6
−−
40
µA
∆I
CC
additional quiescent supply
current per input pin
VI =VCC − 0.6 V;
IO =0
2.7 to 3.6
−−
5000
µA
IBH(L)
bushold LOW sustaining
current
VI = 0.8 V;
notes 3 and 4
3.0
60
−−
µA
IBH(H)
bushold HIGH sustaining
current
VI = 2.0 V;
notes 3 and 4
3.0
−60
−−
µA
IBH(LO)
bushold LOW overdrive
current
notes 3 and 5
3.6
500
−−
µA
IBH(HO)
bushold HIGH overdrive
current
notes 3 and 5
3.6
−500
−−
µA
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
OTHER
VCC (V)


Similar Part No. - 74LVC244A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC244A PHILIPS-74LVC244A Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-Statetitle
1998 May 20
logo
STMicroelectronics
74LVC244A STMICROELECTRONICS-74LVC244A Datasheet
175Kb / 9P
   LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) HIGH PERFORMANCE
February 2002
logo
NXP Semiconductors
74LVC244A NXP-74LVC244A Datasheet
121Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 06-13 August 2009
74LVC244A NXP-74LVC244A Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
ON Semiconductor
74LVC244A ONSEMI-74LVC244A Datasheet
92Kb / 9P
   Low-Voltage CMOS Octal Buffer
October, 2015 ??Rev. 0
More results

Similar Description - 74LVC244A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC541A NEXPERIA-74LVC541A Datasheet
253Kb / 13P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 6 - 27 August 2021
74LVC541A-Q100 NEXPERIA-74LVC541A-Q100 Datasheet
713Kb / 16P
   Octal buffer/line driver with 5 V tolerant inputs/outputs;3-state
logo
NXP Semiconductors
74LVC541A PHILIPS-74LVC541A_15 Datasheet
294Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
74LVC240A PHILIPS-74LVC240A_15 Datasheet
265Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
Rev. 8-29 November 2011
74LVC241A PHILIPS-74LVC241A Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 May 20
74LVC541A PHILIPS-74LVC541A Datasheet
94Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC240A PHILIPS-74LVC240A Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
74LVC2G241 PHILIPS-74LVC2G241 Datasheet
103Kb / 18P
   Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
2005 Feb 02
logo
Nexperia B.V. All right...
74LVC827A NEXPERIA-74LVC827A Datasheet
1Mb / 16P
   10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4 - 25 November 2011
74LVC16241A NEXPERIA-74LVC16241A Datasheet
216Kb / 12P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 26 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com