Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B78148S1152K009 Datasheet(PDF) 9 Page - EPCOS

Part # B78148S1152K009
Description  Chokes and inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78148S1152K009 Datasheet(HTML) 9 Page - EPCOS

Back Button B78148S1152K009 Datasheet HTML 2Page - EPCOS B78148S1152K009 Datasheet HTML 3Page - EPCOS B78148S1152K009 Datasheet HTML 4Page - EPCOS B78148S1152K009 Datasheet HTML 5Page - EPCOS B78148S1152K009 Datasheet HTML 6Page - EPCOS B78148S1152K009 Datasheet HTML 7Page - EPCOS B78148S1152K009 Datasheet HTML 8Page - EPCOS B78148S1152K009 Datasheet HTML 9Page - EPCOS B78148S1152K009 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
11/05
RF chokes
B78108S
BC series
Please read the Important notes at the end of
this document.
B78148S
Reel packing
Ammo pack
Packing units
Reel packing
pcs./reel
Ammo pack
pcs./pcs.
Axial
5000
2500
Radial
2000
2500
IND0452-V
Etikett
n
w
Label
30
30
30
Axial
Radial
n (mm)
72 +1
42 +1
w (mm)
84 max.
54 max.
L
H
B
SSB1858-W
Axial
Radial
L (mm)
265 max. 340 max.
B (mm)
75 max.
50 max.
H (mm
125 max. 210 max.


Similar Part No. - B78148S1152K009

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B78148S1152K000 TDK-B78148S1152K000 Datasheet
615Kb / 9P
   RF chokes, BC series
More results

Similar Description - B78148S1152K009

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82143A EPCOS-B82143A Datasheet
199Kb / 9P
   Chokes and inductors
B82111B EPCOS-B82111B Datasheet
112Kb / 6P
   Chokes and inductors
B82131 EPCOS-B82131 Datasheet
108Kb / 7P
   Chokes and inductors
logo
Pulse A Technitrol Comp...
B902 PULSE-B902 Datasheet
1Mb / 4P
   Inductors And Common Mode Chokes
logo
EPCOS
B82144A EPCOS-B82144A Datasheet
194Kb / 9P
   Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B82500C0000A002 TDK-B82500C0000A002 Datasheet
524Kb / 6P
   Inductors VHF chokes
logo
EPCOS
B82111B EPCOS-B82111B_10 Datasheet
110Kb / 7P
   Inductors VHF chokes
logo
XFMRS Inc.
ISO9001-CERT XFMRS-ISO9001-CERT Datasheet
676Kb / 6P
   Design and manufacture of chokes, inductors, transformers and connectors
logo
TDK Electronics
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
B82145A1104J000 TDK-B82145A1104J000 Datasheet
581Kb / 8P
   Inductors RF chokes, HLBC series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com