Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FU-68SDF-W3M2F Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # FU-68SDF-W3M2F
Description  1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-68SDF-W3M2F Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  FU-68SDF-W3M2F Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-68SDF-W3M2F Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-68SDF-W3M2F Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FU-68SDF-W3M2F Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FU-68SDF-W3M2F Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
JAN06 (3/5)
Mitsubishi Electric Corporation reserves the right to make changes to the products or information contained herein
without notice. No liability is assumed as a result of their use or application.
MITSUBISHI CONFIDENTIAL
MITSUBISHI (OPTICAL DEVICES)
FU-68SDF-x3MyF
1.5
μm DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
DOCUMENTATION
(Tld=25
°C)
Fiber output power vs. Laser forward current Tc=25°C
Threshold current (Ith)
Laser forward current (Iop) at Pf=10mW
Laser forward voltage (Vop) at Pf=10mW
Monitor current (Imon) at Pf=10mW
Thermistor resistance (Rth)
Cooler current (Ipe) at Pf=10mW and Tc=70°C
Cooler voltage (Vpe) at Pf=10mW and Tc=70°C
ORDERING INFORMATION
Wavelength (typ)
1
1470nm
2
1490nm
3
1510nm
4
1530nm
5
1550nm
6
1570nm
Connector
Return loss
V
FC/PC
40dB min
Standard
W
SC/PC
40dB min
Optional
L
SC/APC
60dB min
Optional
FU - 68SDF – _ 3M _F


Similar Part No. - FU-68SDF-W3M2F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-68SDF-W31M59F MITSUBISHI-FU-68SDF-W31M59F Datasheet
197Kb / 5P
   1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-W31M63F MITSUBISHI-FU-68SDF-W31M63F Datasheet
197Kb / 5P
   1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-W31M67F MITSUBISHI-FU-68SDF-W31M67F Datasheet
197Kb / 5P
   1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-W31M71F MITSUBISHI-FU-68SDF-W31M71F Datasheet
197Kb / 5P
   1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-W31M75F MITSUBISHI-FU-68SDF-W31M75F Datasheet
197Kb / 5P
   1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results

Similar Description - FU-68SDF-W3M2F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-68SDF-X31MYYF MITSUBISHI-FU-68SDF-X31MYYF Datasheet
197Kb / 5P
   1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-436SDF-F1M1 MITSUBISHI-FU-436SDF-F1M1 Datasheet
50Kb / 3P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-48SDF-X37M9YF MITSUBISHI-FU-48SDF-X37M9YF Datasheet
159Kb / 5P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-X9YYMZZF MITSUBISHI-FU-68SDF-X9YYMZZF Datasheet
171Kb / 6P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-48SDF-X31M4YF MITSUBISHI-FU-48SDF-X31M4YF Datasheet
173Kb / 6P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-450SDF-FW41MX3B MITSUBISHI-FU-450SDF-FW41MX3B Datasheet
80Kb / 4P
   1.31 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-XW5M1 MITSUBISHI-FU-650SDF-XW5M1 Datasheet
82Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-450SDF-XW5M1 MITSUBISHI-FU-450SDF-XW5M1 Datasheet
82Kb / 4P
   1.31 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-450SDF-L4M50C MITSUBISHI-FU-450SDF-L4M50C Datasheet
83Kb / 4P
   1.31 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-48SDF-X30M5YF MITSUBISHI-FU-48SDF-X30M5YF Datasheet
173Kb / 6P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com