Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41560A9159M000 Datasheet(PDF) 7 Page - EPCOS

Part # B41560A9159M000
Description  Capacitors with screw terminals
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41560A9159M000 Datasheet(HTML) 7 Page - EPCOS

Back Button B41560A9159M000 Datasheet HTML 3Page - EPCOS B41560A9159M000 Datasheet HTML 4Page - EPCOS B41560A9159M000 Datasheet HTML 5Page - EPCOS B41560A9159M000 Datasheet HTML 6Page - EPCOS B41560A9159M000 Datasheet HTML 7Page - EPCOS B41560A9159M000 Datasheet HTML 8Page - EPCOS B41560A9159M000 Datasheet HTML 9Page - EPCOS B41560A9159M000 Datasheet HTML 10Page - EPCOS B41560A9159M000 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
40
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Mounting style
# =
Design
6 = for capacitors with ring clip/clamp mounting
8 = for capacitors with threaded stud
0 = for capacitors with standard inductance
3 = for capacitors with low inductance (13 nH) -
only capacitors with diameter d
≥ 64.3 mm
VR = 25 V DC
15000
35.7
× 55.7 21
42
31
18
11
5.3
B415*0A5159M000
22000
35.7
× 80.7 14
29
22
25
15
7.4
B415*0A5229M000
33000
35.7
× 80.7 15
20
17
30
18
8.8
B415*0A5339M000
47000
35.7
× 105.7
8.0
16
13
30
23
11
B415*0A5479M000
68000
51.6
× 80.7
4.8
12
9.3
34
26
13
B415*0A5689M000
100000
51.6
× 105.7
4.7
9.4
7.6
34
32
15
B415*0A5100M000
150000
64.3
× 105.7
4.0
8.0
6.4
45
38
18
B415*0A5150M00#
220000
76.9
× 105.7
3.5
5.3
5.6
57
40
20
B415*0A5220M00#
330000
76.9
× 143.2
3.0
4.5
5.1
57
50
24
B415*0A5330M00#
VR = 40 V DC
10000
35.7
× 55.7 17
42
37
18
11
5.3
B415*0A7109M000
15000
35.7
× 80.7 12
23
16
25
15
7.4
B415*0A7159M000
22000
35.7
× 105.7
8.5
17
14
30
20
9.5
B415*0A7229M000
33000
51.6
× 80.7
6.0
12
13
34
23
11
B415*0A7339M000
47000
51.6
× 105.7
5.0
10
10
34
29
14
B415*0A7479M000
68000
51.6
× 105.7
4.5
9.0
8.4
34
30
15
B415*0A7689M000
100000
64.3
× 105.7
4.1
8.2
7.0
45
38
18
B415*0A7100M00#
150000
76.9
× 105.7
3.6
7.2
6.0
57
41
20
B415*0A7150M00#
220000
76.9
× 143.2
3.3
5.0
5.4
57
49
24
B415*0A7220M00#
VR = 63 V DC
4700
35.7
× 55.7 30
60
64
15
9.2
4.4
B415*0A8478M000
6800
35.7
× 80.7 22
44
46
20
12
6.0
B415*0A8688M000
10000
35.7
× 105.7 14
27
16
28
17
8.1
B415*0A8109M000
15000
51.6
× 80.7
9.5
19
14
31
19
9.1
B415*0A8159M000
22000
51.6
× 105.7
7.0
14
14
34
25
12
B415*0A8229M000
33000
64.3
× 105.7
5.5
11
12
45
31
15
B415*0A8339M00#
47000
64.3
× 105.7
4.8
10
9.4
45
35
17
B415*0A8479M00#
68000
76.9
× 105.7
3.3
5.0
7.8
57
39
19
B415*0A8689M00#
100000
76.9
× 143.2
3.3
5.0
6.6
57
48
23
B415*0A8100M00#
B41560, B41580
Compact
105
°C
Page 7 of 14
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41560A9159M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41560A9159M000 EPCOS-B41560A9159M000 Datasheet
462Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41560A9159M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com