Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCANSTA112 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCANSTA112
Description  7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANSTA112 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button SCANSTA112 Datasheet HTML 6Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 7Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 8Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 9Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 10Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 11Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 12Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 13Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DC Electrical Characteristics (Continued)
Over recommended operating supply voltage and temperature ranges unless otherwise specified
Symbol
Parameter
Conditions
Min
Max
Units
I
ILR
Input Current Low
V
IN = GND
-45
-200
µA
(Input and I/O pins with pull-up resistors: TDI
B0,
TDI
B1, TMSB0, TMSB1, TRSTB0, TRSTB1,A0B0,
A1
B0,A0B1,A1B1, TDI(01-06),A001,A101)
I
IH
Input High Current
(Input and I/O pins with pull-up resistors: TDI
B0,
TDI
B1, TMSB0, TMSB1, TRSTB0, TRSTB1,A0B0,
A1
B0,A0B1,A1B1, TDI(01-06),A001,A101)
V
IN =VCC
5.0
µA
I
OFF
Power-off Leakage Current
Outputs and I/O pins without pull-up resistors
V
CC = 0V, VIN = 3.6V
(Note 3)
±5.0
µA
Outputs and I/O pins with pull-up resistors
±200
µA
I
OZ
Maximum TRI-STATE Leakage Current
±5.0
µA
Outputs and I/O pins without pull-up resistors
I
CC
Maximum Quiescent Supply Current
V
IN =VCC or GND
3.8
mA
I
CCD
Maximum Dynamic Supply Current
V
IN =VCC or GND, Input
Freq = 25MHz
68
mA
Note 3: Guaranteed by equivalent test method.
AC Electrical Characteristics: Scan Bridge Mode
Over recommended operating supply voltage and temperature ranges unless otherwise specified (Note 5).
Symbol
Parameter
Conditions
Typ
Max
Units
t
PHL,
Propagation Delay
8.5
13.5
ns
t
PLH
TCK
B0 to TDOB0 or TDOB1
t
PHL,
Propagation Delay
8.5
14.0
ns
t
PLH
TCK
B1 to TDOB0 or TDOB1
t
PHL,
Propagation Delay
7.5
12.5
ns
t
PLH
TCK
B0 to TDO(01-06)
t
PHL,
Propagation Delay
7.5
13.0
ns
t
PLH
TCK
B1 to TDO(01-06)
t
PHL,
Propagation Delay
8.0
12.0
ns
t
PLH
TMS
B0 to TMSB1
t
PHL,
Propagation Delay
8.0
12.0
ns
t
PLH
TMS
B1 to TMSB0
t
PHL,
Propagation Delay
8.0
12.0
ns
t
PLH
TMS
B0 to TMS(01-06)
t
PHL,
Propagation Delay
8.0
12.0
ns
t
PLH
TMS
B1 to TMS(01-06)
t
PHL,
Propagation Delay
8.0
12.0
ns
t
PLH
TCK
B0 to TCKB1
t
PHL,
Propagation Delay
8.0
12.0
ns
t
PLH
TCK
B1 to TCKB0
t
PHL,
Propagation Delay
7.5
12.0
ns
t
PLH
TCK
B0 to TCK(01-06)
t
PHL,
Propagation Delay
7.5
12.0
ns
t
PLH
TCK
B1 to TCK(01-06)
t
PHL,
Propagation Delay
11.5
18.0
ns
t
PLH
TCK
B0 to TRSTB1
t
PHL,
Propagation Delay
11.5
18.0
ns
t
PLH
TCK
B1 to TRSTB0
www.national.com
10


Similar Part No. - SCANSTA112

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCANSTA112 NSC-SCANSTA112 Datasheet
300Kb / 15P
   7-port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
Texas Instruments
SCANSTA112 TI1-SCANSTA112 Datasheet
1Mb / 23P
[Old version datasheet]   7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
SCANSTA112 TI1-SCANSTA112 Datasheet
1Mb / 22P
[Old version datasheet]   SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
National Semiconductor ...
SCANSTA112SM NSC-SCANSTA112SM Datasheet
300Kb / 15P
   7-port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
Texas Instruments
SCANSTA112SM TI1-SCANSTA112SM Datasheet
1Mb / 22P
[Old version datasheet]   SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
More results

Similar Description - SCANSTA112

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCANSTA112 NSC-SCANSTA112 Datasheet
300Kb / 15P
   7-port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
Texas Instruments
SCANSTA112 TI1-SCANSTA112_14 Datasheet
1Mb / 23P
[Old version datasheet]   7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
SCANSTA112 TI1-SCANSTA112_15 Datasheet
1Mb / 22P
[Old version datasheet]   SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
National Semiconductor ...
SCANSTA111 NSC-SCANSTA111 Datasheet
524Kb / 29P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
SCANSTA111 NSC-SCANSTA111_05 Datasheet
911Kb / 31P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Texas Instruments
SCANSTA111 TI1-SCANSTA111 Datasheet
1Mb / 38P
[Old version datasheet]   SCANSTA111 Enhanced SCAN Bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Keysight Technologies
N8817A KEYSIGHT-N8817A Datasheet
8Mb / 8P
   JTAG (IEEE 1149.1) Protocol
logo
Texas Instruments
SN54ABT8996 TI-SN54ABT8996 Datasheet
564Kb / 40P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN54ABT8996 TI1-SN54ABT8996_15 Datasheet
741Kb / 46P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986 Datasheet
880Kb / 47P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com