Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25835M2334K007 Datasheet(PDF) 6 Page - EPCOS

Part # B25835M2334K007
Description  MKV AC capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25835M2334K007 Datasheet(HTML) 6 Page - EPCOS

  B25835M2334K007 Datasheet HTML 1Page - EPCOS B25835M2334K007 Datasheet HTML 2Page - EPCOS B25835M2334K007 Datasheet HTML 3Page - EPCOS B25835M2334K007 Datasheet HTML 4Page - EPCOS B25835M2334K007 Datasheet HTML 5Page - EPCOS B25835M2334K007 Datasheet HTML 6Page - EPCOS B25835M2334K007 Datasheet HTML 7Page - EPCOS B25835M2334K007 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Please read
Cautions and warnings and
6
09/05
Important notes at the end of this document.
MKV AC Capacitors
Damping
B25835
Dimensional drawing
KLK1408-5
Tab connector
A 6,3 x 0,8
DIN 46 244
*) 8 mm =threaded bolt M8
12 mm =threaded bolt M12
d
mm
l
mm
l1 +1*)
mm
l2max
mm
Creepage
distance
mm
Clear-
ance
mm
25
57
8
15
6
6
25
57
8
23
14
14
25
70
8
23
14
14
25
95
8
23
14
14
30
57
8
15
6
6
30
95
8
23
14
14
35
70
8
26
14
14
35
95
8
26
14
14
35
95
8
32
20
20
35
131
8
32
20
20
40
95
8
32
20
20
45
57
8
22
10
10
45
95
8
32
20
20
50
95
12
26
14
14
50
131
12
32
20
20
60
57
12
22
10
10
60
131
12
32
20
20
+0.5
–0.2
+1
–2
Mounting parts (included in delivery)
Threaded bolt
Max. torque
Washer
Hex nut
M8
4 Nm
A 8.4 DIN 125-Ms
M 8 DIN 439
M12
10 Nm
A 13, DIN 125-Ms
M12 DIN 439


Similar Part No. - B25835M2334K007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25832 EPCOS-B25832 Datasheet
276Kb / 10P
   MKV AC capacitors
B25832C4106K009 EPCOS-B25832C4106K009 Datasheet
276Kb / 10P
   MKV AC capacitors
B25832C4106K009 EPCOS-B25832C4106K009 Datasheet
276Kb / 10P
   MKV AC capacitors
B25832C4126K009 EPCOS-B25832C4126K009 Datasheet
276Kb / 10P
   MKV AC capacitors
B25832C4126K009 EPCOS-B25832C4126K009 Datasheet
276Kb / 10P
   MKV AC capacitors
More results

Similar Description - B25835M2334K007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25832F4105K001 EPCOS-B25832F4105K001 Datasheet
276Kb / 10P
   MKV AC capacitors
B25834 EPCOS-B25834 Datasheet
303Kb / 12P
   MKV AC capacitors
B25832 EPCOS-B25832 Datasheet
276Kb / 10P
   MKV AC capacitors
B25838 EPCOS-B25838 Datasheet
179Kb / 8P
   MKV AC Capacitors Damping
B25856 EPCOS-B25856 Datasheet
179Kb / 6P
   MKV AC, MKV DC Capacitors LSI Snubbering and Clamping
B25836-A5147-A172 EPCOS-B25836-A5147-A172 Datasheet
32Kb / 1P
   MKV-Capacitor
B25836B6107A305 EPCOS-B25836B6107A305 Datasheet
466Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B5287A305 EPCOS-B25836B5287A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B6137A305 EPCOS-B25836B6137A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B6167A305 EPCOS-B25836B6167A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com