Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S07K14 Datasheet(PDF) 11 Page - EPCOS

Part # S07K14
Description  Leaded Varistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S07K14 Datasheet(HTML) 11 Page - EPCOS

Back Button S07K14 Datasheet HTML 7Page - EPCOS S07K14 Datasheet HTML 8Page - EPCOS S07K14 Datasheet HTML 9Page - EPCOS S07K14 Datasheet HTML 10Page - EPCOS S07K14 Datasheet HTML 11Page - EPCOS S07K14 Datasheet HTML 12Page - EPCOS S07K14 Datasheet HTML 13Page - EPCOS S07K14 Datasheet HTML 14Page - EPCOS S07K14 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
169 04/02
Dimensions
Type
± 1
mm
a
± 1
mm
bmax
mm
smax
mm
hmax
mm
Imin
mm
d
± 0,05
mm
SIOV-S05K11
5,0
1,2
7,0
3,3
8,5
30,0
0,6
SIOV-S07K11
5,0
1,2
9,0
3,4
11,0
30,0
0,6
SIOV-S10K11
7,5 (5)
1,4 (1,2)
12,0
4,0 (3,6)
14,5
30,0 (*)
0,8 (0,6)
SIOV-S14K11
7,5
1,4
15,5
4,0
18,5
30,0
0,8
SIOV-S20K11
10,0
1,5
21,5
4,5
25,5
30,0
1,0
SIOV-S05K14
5,0
1,3
7,0
3,4
8,5
30,0
0,6
SIOV-S07K14
5,0
1,3
9,0
3,5
11,0
30,0
0,6
SIOV-S10K14
7,5 (5)
1,5 (1,3)
12,0
4,2 (3,8)
14,5
30,0 (*)
0,8 (0,6)
SIOV-S14K14
7,5
1,5
15,5
4,2
18,5
30,0
0,8
SIOV-S20K14
10,0
1,6
21,5
4,6
25,5
30,0
1,0
SIOV-S05K17
5,0
1,4
7,0
3,5
8,5
30,0
0,6
SIOV-S07K17
5,0
1,4
9,0
3,6
11,0
30,0
0,6
SIOV-S10K17
7,5 (5)
1,6 (1,4)
12,0
4,4 (4,0)
14,5
30,0 (*)
0,8 (0,6)
SIOV-S14K17
7,5
1,7
15,5
4,4
18,5
30,0
0,8
SIOV-S20K17
10,0
1,8
21,5
4,8
25,5
30,0
1,0
SIOV-S05K20
5,0
1,2
7,0
3,5
8,5
30,0
0,6
SIOV-S07K20
5,0
1,2
9,0
3,6
11,0
30,0
0,6
SIOV-S10K20
7,5 (5)
1,8 (1,6)
12,0
4,5 (4,1)
14,5
30,0 (*)
0,8 (0,6)
SIOV-S14K20
7,5
1,9
15,5
4,6
18,5
30,0
0,8
SIOV-S20K20
10,0
2,1
21,5
5,1
25,5
30,0
1,0
Dimensions in ( ) apply to the taped version with 5 mm lead spacing. For (*) see chapter “Taping”, page 206 ff.
VAR0408-C
ød
b
s
a
e
Bottom view
e
1)
1) Seating plane according to IEC 60717
StandarD Series
Leaded Varistors


Similar Part No. - S07K14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S07K140 ETC1-S07K140 Datasheet
138Kb / 1P
   ELECTRICAL SPECIFICATIONS, CONT. DISC TYPES
logo
EPCOS
S07K140E2 EPCOS-S07K140E2 Datasheet
113Kb / 11P
   Leaded Varistors
logo
TDK Electronics
S07K140K11 TDK-S07K140K11 Datasheet
770Kb / 22P
   SIOV metal oxide varistors
September 2020 Version: 2
logo
EPCOS
S07K14AUTOS2D1 EPCOS-S07K14AUTOS2D1 Datasheet
87Kb / 5P
   Leaded Varistors Automotive Series
More results

Similar Description - S07K14

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0621K101 TDK-B72310S0621K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com