Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43586A0338Q000 Datasheet(PDF) 5 Page - EPCOS

Part # B43586A0338Q000
Description  Long-life grade capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43586A0338Q000 Datasheet(HTML) 5 Page - EPCOS

  B43586A0338Q000 Datasheet HTML 1Page - EPCOS B43586A0338Q000 Datasheet HTML 2Page - EPCOS B43586A0338Q000 Datasheet HTML 3Page - EPCOS B43586A0338Q000 Datasheet HTML 4Page - EPCOS B43586A0338Q000 Datasheet HTML 5Page - EPCOS B43586A0338Q000 Datasheet HTML 6Page - EPCOS B43586A0338Q000 Datasheet HTML 7Page - EPCOS B43586A0338Q000 Datasheet HTML 8Page - EPCOS B43586A0338Q000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
146 10/02
KAL0567-B
Extended Useful Life 85 °C
B43566 / B43586
Overview of available types
The capacitance and voltage ratings listed above are available in different cases upon request.
Other voltage and capacitance ratings are also available upon request.
UR (VDC)
350
400
450
CR (µF)
Case dimensions
d
× l (mm)
470
51,6
× 80,7
51,6
× 80,7
680
51,6
× 80,7
51,6
× 80,7
51,6
× 105,7
1 000
51,6
× 80,7
51,6
× 105,7
64,3
× 105,7
1 500
51,6
× 105,7
64,3
× 105,7
76,9
× 105,7
2 200
64,3
× 105,7
76,9
× 105,7
76,9
× 143,2
2 700
91,0
× 144,5
3 300
76,9
× 105,7
76,9
× 143,2
76,9
× 220,7
4 700
76,9
× 143,2
76,9
× 220,7
91,0
× 144,5
6 000
76,9
× 220,7
91,0
× 144,5
76,9
× 220,7
6 800
76,9
× 220,7


Similar Part No. - B43586A0338Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43580 EPCOS-B43580 Datasheet
180Kb / 9P
   Capacitors with Screw Terminals
B43580A4109M000 EPCOS-B43580A4109M000 Datasheet
180Kb / 9P
   Capacitors with Screw Terminals
B43580A4159M000 EPCOS-B43580A4159M000 Datasheet
180Kb / 9P
   Capacitors with Screw Terminals
B43580A4278M000 EPCOS-B43580A4278M000 Datasheet
180Kb / 9P
   Capacitors with Screw Terminals
B43580A4398M000 EPCOS-B43580A4398M000 Datasheet
180Kb / 9P
   Capacitors with Screw Terminals
More results

Similar Description - B43586A0338Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41896 EPCOS-B41896 Datasheet
794Kb / 32P
   Long-life grade capacitors
B41868 EPCOS-B41868 Datasheet
645Kb / 24P
   Long-life grade capacitors
B41888 EPCOS-B41888 Datasheet
717Kb / 27P
   Long-life grade capacitors Very low impedance
logo
Cornell Dubilier Electr...
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
550283U6R3AK2B CDE-550283U6R3AK2B Datasheet
399Kb / 8P
   High Ripple, Long Life, Computer Grade
300 CDE-300 Datasheet
487Kb / 11P
   Long-Life, Switching Power Grade Radial
550 CDE-550_17 Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
logo
Vishay Siliconix
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com