Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82141+1472K000 Datasheet(PDF) 9 Page - EPCOS

Part # B82141+1472K000
Description  SBC choke (Small Bobbin Core) Rated current 55 to 725 mA Rated inductance 1 to 1000
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82141+1472K000 Datasheet(HTML) 9 Page - EPCOS

Back Button B82141+1472K000 Datasheet HTML 2Page - EPCOS B82141+1472K000 Datasheet HTML 3Page - EPCOS B82141+1472K000 Datasheet HTML 4Page - EPCOS B82141+1472K000 Datasheet HTML 5Page - EPCOS B82141+1472K000 Datasheet HTML 6Page - EPCOS B82141+1472K000 Datasheet HTML 7Page - EPCOS B82141+1472K000 Datasheet HTML 8Page - EPCOS B82141+1472K000 Datasheet HTML 9Page - EPCOS B82141+1472K000 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
11/05
RF chokes
B82141A
SBC series
Please read the Important notes at the end of
this document.
B82141B
Reel packing
Ammo pack
Packing units
Reel packing
pcs./reel
Ammo pack
pcs./pack.
Axial
5000
5000
Radial
2000
2500
IND0452-V
Etikett
n
w
Label
30
30
30
Axial
Radial
n (mm)
72 +1
42 +1
w (mm)
84 max.
54 max.
L
H
B
SSB1858-W
Axial
Radial
L (mm)
310 max. 340 max.
B (mm)
75 max.
50 max.
H (mm
120 max. 210 max.


Similar Part No. - B82141+1472K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82141A EPCOS-B82141A Datasheet
191Kb / 9P
   Inductors
B82141A1102K000 EPCOS-B82141A1102K000 Datasheet
191Kb / 9P
   Inductors
logo
TDK Electronics
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
logo
EPCOS
B82141A1103K000 EPCOS-B82141A1103K000 Datasheet
191Kb / 9P
   Inductors
logo
TDK Electronics
B82141A1103K000 TDK-B82141A1103K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
More results

Similar Description - B82141+1472K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82476-A1103-M EPCOS-B82476-A1103-M Datasheet
58Kb / 3P
   Rated inductance 10 to 1000 mH Rated current 300 to 3800 mA
B82478-A1103-M EPCOS-B82478-A1103-M_1 Datasheet
59Kb / 3P
   Rated inductance 10 to 1000 mH Rated current 400 to 3500 mA
B82432-A1102-K EPCOS-B82432-A1102-K Datasheet
102Kb / 6P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 55 to 600 mA
B82432-T EPCOS-B82432-T Datasheet
56Kb / 2P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
B82482-A3 EPCOS-B82482-A3 Datasheet
76Kb / 6P
   Rated impedance 60 to 1000 W Rated current 0,05 to 1 A
B82498-B3279-M EPCOS-B82498-B3279-M Datasheet
74Kb / 6P
   Size 0805 (EIA) and/or 2012 (IEC) Rated inductance 2,7 to 4700 nH Rated current 90 to 1000 mA
SIMID EPCOS-SIMID Datasheet
125Kb / 8P
   Size 0603 (EIA) and/or 1608 (IEC) Rated inductance 1 nH to 220 nH Rated current 110 mA to 1800 mA
B82422-H1102-K100 EPCOS-B82422-H1102-K100 Datasheet
68Kb / 5P
   High-current version Size 1210 (EIA) or 3225 (IEC) Rated inductance 1 to 100 mH Rated current 90 to 650 mA
B82442-H1102-K EPCOS-B82442-H1102-K Datasheet
105Kb / 6P
   High-current version Size 2220 (EIA) or 5650 (IEC) Rated inductance 1 to 10000 mH Rated current 35 to 2500 mA
B82412-A3100-M EPCOS-B82412-A3100-M Datasheet
107Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com