Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59100M1070A070 Datasheet(PDF) 3 Page - EPCOS

Part # B59100M1070A070
Description  Motor Protection, Single Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59100M1070A070 Datasheet(HTML) 3 Page - EPCOS

  B59100M1070A070 Datasheet HTML 1Page - EPCOS B59100M1070A070 Datasheet HTML 2Page - EPCOS B59100M1070A070 Datasheet HTML 3Page - EPCOS B59100M1070A070 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
172 10/02
Characteristics (typical)
PTC resistance RPTC versus PTC temperature TPTC
(measured at low signal voltage)
TPT0855-Y
10
R
T
PTC
PTC
TNTT
120 ˚C
˚C
130 ˚C
140 ˚C
10 3
10 2
10 1
10 4
10 6
5
10
7
10
10 8
B59100M11*0A070
50
100
150
200
250
TPT0394-N
10
R
T
PTC
PTC
TNTT
145 ˚C
˚C
150 ˚C
155 ˚C
10 3
10 2
10 1
10 4
10 6
5
10
7
10
10 8
B59100M11**A070
50
100
150
200
250
TPT0395-W
10
R
T
PTC
PTC
TNTT
50
100
150
200
250
160 ˚C
˚C
170 ˚C
180 ˚C
10 3
10 2
10 1
10 4
10 6
5
10
7
10
10 8
B59100M11*0A070
190 ˚C
B59100
M 1100
Motor Protection, Single Sensors
Sensors


Similar Part No. - B59100M1070A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59100M1070A070 EPCOS-B59100M1070A070 Datasheet
338Kb / 8P
   Motor protection, single sensors
B59100M1070A070 EPCOS-B59100M1070A070 Datasheet
274Kb / 11P
   PTC thermistors as limit temperature sensors
B59100M1070A070 EPCOS-B59100M1070A070 Datasheet
414Kb / 8P
   PTC thermistors
B59100M1070A070 EPCOS-B59100M1070A070 Datasheet
271Kb / 11P
   PTC thermistors as limit temperature sensors
More results

Similar Description - B59100M1070A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59100 EPCOS-B59100 Datasheet
338Kb / 8P
   Motor protection, single sensors
B59300M1060A070 EPCOS-B59300M1060A070 Datasheet
85Kb / 5P
   Motor Protection, Triple Sensors
logo
List of Unclassifed Man...
YD1 ETC2-YD1 Datasheet
80Kb / 4P
   PTC Thermistors Temperature Sensors for Motor Protection and Electronics
logo
GREEGOO Electric Co.,Lt...
E3VU13 GREEGOO-E3VU13 Datasheet
1Mb / 10P
   Motor protection circuit breaker
logo
Kemet Corporation
TXS KEMET-TXS Datasheet
189Kb / 1P
   Thermal Sensors Overheat Protection
8/19/2019
logo
Qualtek Electronics Cor...
FQA1-12038 QUALTEK-FQA1-12038 Datasheet
3Mb / 1P
   Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
FAA1-12038-A QUALTEK-FAA1-12038-A Datasheet
1Mb / 1P
   Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
logo
Littelfuse
777-KW LITTELFUSE-777-KW Datasheet
718Kb / 3P
   Motor and Pump Protection - 3-Phase Pump Protection
2-C-042619
logo
Rohm
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com