Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59010D1135B040 Datasheet(PDF) 2 Page - EPCOS

Part # B59010D1135B040
Description  Liquid level detection in tanks (oil, gas, etc.) and home appliances
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59010D1135B040 Datasheet(HTML) 2 Page - EPCOS

  B59010D1135B040 Datasheet HTML 1Page - EPCOS B59010D1135B040 Datasheet HTML 2Page - EPCOS B59010D1135B040 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
169 10/02
Test set-up
Limits of operating range
I Unclipped leads, held at the ends
by clamps
I Sensor in vertical position
I Distance of clamping point to
body: min. 15 mm
I Pellet points downwards
I Settling time after application of
voltage: min. 40 s
Clamp
Operating range in oil
Signal range
Operating range in air
B59010
D 1010
Level Sensors
Sensors


Similar Part No. - B59010D1135B040

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59010B1120A070 EPCOS-B59010B1120A070 Datasheet
224Kb / 12P
   PTC thermistors for overcurrent protection in telecom applications
More results

Similar Description - B59010D1135B040

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59011E0160A040 EPCOS-B59011E0160A040 Datasheet
61Kb / 3P
   Liquid level detection, e.g. for overflow protection in oil tanks
B59020E1160A041 EPCOS-B59020E1160A041 Datasheet
53Kb / 3P
   Liquid level detection
logo
Visual Communications C...
PML50 VCC-PML50 Datasheet
258Kb / 4P
   Maritime, Oil and Gas Industry
logo
DB Lectro Inc
JQX-54W DBLECTRO-JQX-54W Datasheet
377Kb / 3P
   Used in household appliances like air conditioning , heater and instruments etc
JQX-62F DBLECTRO-JQX-62F Datasheet
361Kb / 3P
   Used in household appliances like air conditioning , heater and instruments etc.
JQX-102F DBLECTRO-JQX-102F_05 Datasheet
418Kb / 3P
   Used in household appliances like air conditioning , heater and instruments etc
logo
American Electronic Com...
DG31H AEC-DG31H Datasheet
353Kb / 2P
   Domestic appliances, office equipment etc
logo
TDK Electronics
VFS5045 TDK-VFS5045 Datasheet
275Kb / 4P
   Noise suppression filter For home appliances
VFS6045 TDK-VFS6045 Datasheet
308Kb / 4P
   Noise suppression filter For home appliances
logo
Nais(Matsushita Electri...
ALF1P05 NAIS-ALF1P05 Datasheet
92Kb / 3P
   20A Power Relay For Home appliances
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com