Electronic Components Datasheet Search |
|
B84113-C-B110 Datasheet(PDF) 2 Page - EPCOS |
|
B84113-C-B110 Datasheet(HTML) 2 Page - EPCOS |
2 / 7 page 155 03/01 2-Line Filters B84113 SIFI-C Series Circuit diagram Technical data Characteristics and ordering codes Rated voltage VR 250 V~, 50/60 Hz Rated current IR Referred to 40 °C ambient temperature Test voltage VP 1414 V–, 2 s (line/line) 2700 V–, 2 s (lines/case) Leakage current lleak < 0,5 mA at 230 V~, 50 Hz Discharge resistors The discharge resistors are rated such that one second after having disconnected the device from the power line, the voltage at the line connector should have dropped to 34 V. Climatic category In accordance with EN 60068-1 25/085/21 (– 25 °C/+ 85 °C/21 days damp heat test) Approvals IR A CR LR Case style Appr. weight g Ordering code Mounting plate for top-hat rail (ordering code) 32 × 0,47 µF (X2) + 2 × 4700 pF (Y2) 4 × 4,7 mH A B K L 210 210 270 210 B84113-C-A30 B84113-C-B30 B84113-C-K30 B84113-C-L30 — C62122-A132-B92 — — 62 × 0,47 µF (X2) + 2 × 4700 pF (Y2) 4 × 4,7 mH A B L 510 510 510 B84113-C-A60 B84113-C-B60 B84113-C-L60 — C62122-A132-B95 — 10 2 × 0,47 µF (X2) + 2 × 4700 pF (Y2) 4 × 3,6 mH A B L 690 690 690 B84113-C-A110 B84113-C-B110 B84113-C-L110 — C62122-A132-B95 — SSB0257-G N L N’ L’ LINE LOAD EN 133221 |
Similar Part No. - B84113-C-B110 |
|
Similar Description - B84113-C-B110 |