Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72650M0400K072 Datasheet(PDF) 5 Page - EPCOS

Part # B72650M0400K072
Description  Monolithic; Standard Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72650M0400K072 Datasheet(HTML) 5 Page - EPCOS

  B72650M0400K072 Datasheet HTML 1Page - EPCOS B72650M0400K072 Datasheet HTML 2Page - EPCOS B72650M0400K072 Datasheet HTML 3Page - EPCOS B72650M0400K072 Datasheet HTML 4Page - EPCOS B72650M0400K072 Datasheet HTML 5Page - EPCOS B72650M0400K072 Datasheet HTML 6Page - EPCOS B72650M0400K072 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
147 04/02
CU3225K150G2 240
± 10
395
5,0
90
247
274
CU4032K150G2 240
± 10
395
10,0
170
247
275
CU3225K175G2 270
± 10
455
5,0
75
247
274
CU4032K175G2 270
± 10
455
10,0
150
247
275
CU3225K230G2 360
± 10
595
5,0
60
247
274
CU4032K230G2 360
± 10
595
10,0
115
247
275
CU3225K250G2 390
± 10
650
5,0
55
247
274
CU4032K250G2 390
± 10
650
10,0
105
247
275
CU3225K275G2 430
± 10
710
5,0
50
247
274
CU4032K275G2 430
± 10
710
10,0
95
247
275
CU3225K300G2 470
± 10
775
5,0
45
247
274
CU4032K300G2 470
± 10
775
10,0
90
247
275
CU4032K460G2 750
± 10
1240
10,0
55
upon
request
275
Characteristics (TA = 25 °C)
Type
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping voltage
Ctyp
(1 kHz)
pF
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
Monolithic; Standard Series
SMD Varistors


Similar Part No. - B72650M0400K072

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72650M0400K072 EPCOS-B72650M0400K072 Datasheet
846Kb / 33P
   Ceramic transient voltage suppressors SMD disk varistors standard series
B72650M0400K072 EPCOS-B72650M0400K072 Datasheet
863Kb / 35P
   Ceramic transient voltage suppressors
B72650M0400K072 EPCOS-B72650M0400K072 Datasheet
863Kb / 35P
   Ceramic transient voltage suppressors
B72650M0400K072 EPCOS-B72650M0400K072 Datasheet
885Kb / 36P
   Ceramic transient voltage suppressors
B72650M0400K072 EPCOS-B72650M0400K072 Datasheet
863Kb / 35P
   Ceramic transient voltage suppressors
More results

Similar Description - B72650M0400K072

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
UM1FAMILY-CAT5S49 WK-UM1FAMILY-CAT5S49 Datasheet
855Kb / 1P
   STANDARD MONOLITHIC CRYSTAL FILTERS
logo
Murata Manufacturing Co...
GA342A1XGD820JW31 MURATA-GA342A1XGD820JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342D1XGD220JY02 MURATA-GA342D1XGD220JY02 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGF330JW31 MURATA-GA342A1XGF330JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGD330JW31 MURATA-GA342A1XGD330JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGF390JW31 MURATA-GA342A1XGF390JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA343QR7GD182KW01 MURATA-GA343QR7GD182KW01 Datasheet
713Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA355QR7GF182KW01 MURATA-GA355QR7GF182KW01 Datasheet
714Kb / 1P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA355ER7GB473KW01 MURATA-GA355ER7GB473KW01 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342QR7GD471KW01 MURATA-GA342QR7GD471KW01 Datasheet
713Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com