Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP9900PFPR Datasheet(PDF) 9 Page - Texas Instruments

Part # TVP9900PFPR
Description  VSB/QAM Receiver
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP9900PFPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TVP9900PFPR Datasheet HTML 5Page - Texas Instruments TVP9900PFPR Datasheet HTML 6Page - Texas Instruments TVP9900PFPR Datasheet HTML 7Page - Texas Instruments TVP9900PFPR Datasheet HTML 8Page - Texas Instruments TVP9900PFPR Datasheet HTML 9Page - Texas Instruments TVP9900PFPR Datasheet HTML 10Page - Texas Instruments TVP9900PFPR Datasheet HTML 11Page - Texas Instruments TVP9900PFPR Datasheet HTML 12Page - Texas Instruments TVP9900PFPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
www.ti.com
3
Terminal Assignments
3.1
Pinout
TVP9900
80-Pin TQFP
(Top View)
1
AGND
2
AVDD_3_3
3
AIFIN_P
4
AIFIN_N
5
AVDD_3_3
6
AGND
7
AVDD_1_5
8
AGND
9
AGND_PLL
10
AVDD_PLL_1_5
11
XTALOUT
12
XTALREF
13
XTALIN
14
CLKIN
15
DIVINSEL
16
CLKOUT
17
DGND
18
DVDD_1_5
19
IOGND
20
IOVDD_3_3
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
DATAOUT0
DATAOUT1
DVDD_1_5
DGND
DATAOUT2
DATAOUT3
DATAOUT4
IOVDD_3_3
IOGND
DATAOUT5
DATAOUT6
DATAOUT7/SERDATA0
DVDD_1_5
DGND
PACCLK
BYTESTART
IOVDD_3_3
IOGND
DCLK
DGND
TVP9900
VSB/QAM Receiver
SLEA064 – MARCH 2007
Submit Documentation Feedback
Terminal Assignments
9


Similar Part No. - TVP9900PFPR

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TVP TRANSKO-TVP Datasheet
481Kb / 2P
   MINIATURE CERAMIC SMD VCXO (7.0 x 5.0 x 1.8mm)
Rev. 3: Jun. 2015
TVP-P50HM33TC-74.25M-TR TRANSKO-TVP-P50HM33TC-74.25M-TR Datasheet
481Kb / 2P
   MINIATURE CERAMIC SMD VCXO (7.0 x 5.0 x 1.8mm)
Rev. 3: Jun. 2015
logo
Amphenol Corporation
TVP00R AMPHENOL-TVP00R Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
8/2006
TVP00WCI0909S AMPHENOL-TVP00WCI0909S Datasheet
1Mb / 44P
   Standard Circular Connector
TVP00WCI0935P AMPHENOL-TVP00WCI0935P Datasheet
1Mb / 44P
   Standard Circular Connector
More results

Similar Description - TVP9900PFPR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GDC21D003 HYNIX-GDC21D003 Datasheet
1Mb / 77P
   VSB Receiver
logo
Broadcom Corporation.
BCM3517 BOARDCOM-BCM3517 Datasheet
82Kb / 2P
   ATSC/VSB DIGITAL CABLE READY DTV RECEIVER
BCM3517 BOARDCOM-BCM3517_06 Datasheet
189Kb / 2P
   ATSC/VSB DIGITAL CABLE READY DTV RECEIVER
BCM3520 BOARDCOM-BCM3520_06 Datasheet
269Kb / 2P
   ATSC/NTSC/QAM DIGITAL CABLE READY DTV RECEIVER
logo
CML Microcircuits
FX214 CMLMICRO-FX214 Datasheet
7Mb / 10P
   VSB Audio Scrambler
logo
Motorola, Inc
MC92305 MOTOROLA-MC92305 Datasheet
39Kb / 4P
   16/32/64/128/256 QAM RECEIVER AND REED-SOLOMON DECODER
logo
CML Microcircuits
FX204 CMLMICRO-FX204 Datasheet
451Kb / 10P
   VSB Frequency Inverter
logo
List of Unclassifed Man...
CS3810 ETC1-CS3810 Datasheet
265Kb / 12P
   32 QAM Demodulator
logo
Fairchild Semiconductor
RC2798 FAIRCHILD-RC2798 Datasheet
76Kb / 12P
   Integrated QAM IF Downconverter
logo
TriQuint Semiconductor
855079 TRIQUINT-855079 Datasheet
28Kb / 1P
   44 MHz VSB Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com