Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B84112-B-A30 Datasheet(PDF) 4 Page - EPCOS

Part # B84112-B-A30
Description  2-Line Filters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84112-B-A30 Datasheet(HTML) 4 Page - EPCOS

  B84112-B-A30 Datasheet HTML 1Page - EPCOS B84112-B-A30 Datasheet HTML 2Page - EPCOS B84112-B-A30 Datasheet HTML 3Page - EPCOS B84112-B-A30 Datasheet HTML 4Page - EPCOS B84112-B-A30 Datasheet HTML 5Page - EPCOS B84112-B-A30 Datasheet HTML 6Page - EPCOS B84112-B-A30 Datasheet HTML 7Page - EPCOS B84112-B-A30 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
150 03/01
2-Line Filters
B84112
SIFI-B Series
Case styles and dimensions
Case
style
Ordering
code
B84112-
Dimensions in mm
b1
b2
b3
b4
l1
l2
l3
l4
h1
h2
Litz
mm2
Style
1015
A
B
K
L
-B-A10
-B-B10
-B-K10
-B-L10
45
45
51
45
26,5
26,5
60,4
70
50
50
63,5
50
60,4
60,4
70
70
76,5
76,5
28,6
28,6
32
28,6
20
20
0,82
AWG18
A
B
L
-B-A20
-B-B20
-B-L20
45
45
45
26,5
26,5
60,4
70
50
50
50
60,4
60,4
70
70
76,5
76,5
28,6
28,6
28,6
20
20
0,82
AWG18
A
B
K
L
P
-B-A30
-B-B30
-B-K30
-B-L30
-B-P30
50,8
50,8
50,8
50,8
31,5
31,5
60,4
70
63,5
63,5
79,5
63,5
74,7
74,7
84,5
84,5
89,5
89,5
28,6
28,6
32
28,6
20
20
0,82
AWG18
see dimensional drawing
A
B
K
L
-B-A60
-B-B60
-B-K60
-B-L60
50,8
50,8
50,8
50,8
31,5
31,5
60,4
70
63,5
63,5
79,5
63,5
74,7
74,7
84,5
84,5
89,5
89,5
28,6
28,6
32
28,6
20
20
0,82
AWG18
A
B
L
-B-A110
-B-B110
-B-L110
50,8
50,8
50,8
31,5
31,5
60,4
70
63,5
63,5
63,5
74,7
74,7
84,5
84,5
89,5
89,5
38,1
38,1
38,1
28
28
1,35
AWG16
A
B
-B-A120
-B-B120
see dimensional drawing


Similar Part No. - B84112-B-A30

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84112B EPCOS-B84112B Datasheet
163Kb / 10P
   2-line filters SIFI-B for enhanced insertion loss Rated current 1 to 20 A
B84112B EPCOS-B84112B Datasheet
174Kb / 10P
   EMC filters
B84112B0000A010 EPCOS-B84112B0000A010 Datasheet
163Kb / 10P
   2-line filters SIFI-B for enhanced insertion loss Rated current 1 to 20 A
B84112B0000A010 EPCOS-B84112B0000A010 Datasheet
174Kb / 10P
   EMC filters
B84112B0000A010 EPCOS-B84112B0000A010 Datasheet
134Kb / 11P
   EMC Filters
More results

Similar Description - B84112-B-A30

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84773A0001A000 EPCOS-B84773A0001A000 Datasheet
195Kb / 11P
   2-line filters IEC inlet filters
B84771A0001A000 EPCOS-B84771A0001A000 Datasheet
241Kb / 16P
   2-line filters IEC inlet filters
B84776A0001A000 EPCOS-B84776A0001A000 Datasheet
194Kb / 12P
   2-line filters IEC inlet filters
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
ice Components, Ins.
LFU16 ICE-LFU16_08 Datasheet
307Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com