Electronic Components Datasheet Search |
|
B84111-A-A110 Datasheet(PDF) 2 Page - EPCOS |
|
B84111-A-A110 Datasheet(HTML) 2 Page - EPCOS |
2 / 7 page 142 03/01 2-Line Filters B84111 SIFI-A Series Circuit diagram Technical data Rated voltage VR 250 V~, 50/60 Hz Rated current IR Referred to 40 °C ambient temperature Test voltage VP 1414 V–, 2 s (line/line) 2700 V–, 2 s (lines/case) Leakage current lleak < 0,5 mA at 230 V~, 50 Hz Discharge resistors The discharge resistors are rated such that one second after having disconnected the device from the power line, the voltage at the line connector should have dropped to 34 V. Climatic category In accordance with EN 60068-1 25/085/21 (– 25 °C/+ 85 °C/21 days damp heat test) Approvals SSB0525-W N L N’ L’ LINE LOAD EN 133221 |
Similar Part No. - B84111-A-A110 |
|
Similar Description - B84111-A-A110 |