Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72650M0140K072 Datasheet(PDF) 3 Page - EPCOS

Part # B72650M0140K072
Description  Monolithic; Standard Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72650M0140K072 Datasheet(HTML) 3 Page - EPCOS

  B72650M0140K072 Datasheet HTML 1Page - EPCOS B72650M0140K072 Datasheet HTML 2Page - EPCOS B72650M0140K072 Datasheet HTML 3Page - EPCOS B72650M0140K072 Datasheet HTML 4Page - EPCOS B72650M0140K072 Datasheet HTML 5Page - EPCOS B72650M0140K072 Datasheet HTML 6Page - EPCOS B72650M0140K072 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
145 04/02
Characteristics (TA = 25 °C)
Type
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping voltage
Ctyp
(1 kHz)
pF
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
CU3225K11G2
18
± 10
36
1,0
1750
246
274
CU4032K11G2
18
± 10
36
2,5
2750
246
275
CU3225K14G2
22
± 10
43
1,0
1450
246
274
CU4032K14G2
22
± 10
43
2,5
2300
246
275
CU3225K17G2
27
± 10
53
1,0
1200
246
274
CU4032K17G2
27
± 10
53
2,5
1900
246
275
CU3225K20G2
33
± 10
65
1,0
980
246
274
CU4032K20G2
33
± 10
65
2,5
1600
246
275
CU3225K25G2
39
± 10
77
1,0
850
246
274
CU4032K25G2
39
± 10
77
2,5
1400
246
275
CU3225K30G2
47
± 10
93
1,0
720
246
274
CU4032K30G2
47
± 10
93
2,5
1200
246
275
CU3225K35G2
56
± 10
110
1,0
620
246
274
CU4032K35G2
56
± 10
110
2,5
1050
246
275
CU3225K40G2
68
± 10
135
1,0
520
246
274
CU4032K40G2
68
± 10
135
2,5
900
246
275
CU3225K50G2
82
± 10
135
5,0
300
247
274
CU4032K50G2
82
± 10
135
10,0
530
247
275
CU3225K60G2
100
± 10
165
5,0
250
247
274
CU4032K60G2
100
± 10
165
10,0
480
247
275
CU3225K75G2
120
± 10
200
5,0
210
247
274
CU4032K75G2
120
± 10
200
10,0
430
247
275
CU3225K95G2
150
± 10
250
5,0
135
247
274
CU4032K95G2
150
± 10
250
10,0
260
247
275
CU3225K115G2 180
± 10
300
5,0
110
247
274
CU4032K115G2 180
± 10
300
10,0
220
247
275
CU3225K130G2 205
± 10
340
5,0
100
247
274
CU4032K130G2 205
± 10
340
10,0
200
247
275
CU3225K140G2 220
± 10
360
5,0
95
247
274
CU4032K140G2 220
± 10
360
10,0
180
247
275
Monolithic; Standard Series
SMD Varistors


Similar Part No. - B72650M0140K072

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72650M0140K072 EPCOS-B72650M0140K072 Datasheet
846Kb / 33P
   Ceramic transient voltage suppressors SMD disk varistors standard series
B72650M0140K072 EPCOS-B72650M0140K072 Datasheet
863Kb / 35P
   Ceramic transient voltage suppressors
B72650M0140K072 EPCOS-B72650M0140K072 Datasheet
863Kb / 35P
   Ceramic transient voltage suppressors
B72650M0140K072 EPCOS-B72650M0140K072 Datasheet
885Kb / 36P
   Ceramic transient voltage suppressors
B72650M0140K072 EPCOS-B72650M0140K072 Datasheet
863Kb / 35P
   Ceramic transient voltage suppressors
More results

Similar Description - B72650M0140K072

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
UM1FAMILY-CAT5S49 WK-UM1FAMILY-CAT5S49 Datasheet
855Kb / 1P
   STANDARD MONOLITHIC CRYSTAL FILTERS
logo
Murata Manufacturing Co...
GA342A1XGD820JW31 MURATA-GA342A1XGD820JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342D1XGD220JY02 MURATA-GA342D1XGD220JY02 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGF330JW31 MURATA-GA342A1XGF330JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGD330JW31 MURATA-GA342A1XGD330JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGF390JW31 MURATA-GA342A1XGF390JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA343QR7GD182KW01 MURATA-GA343QR7GD182KW01 Datasheet
713Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA355QR7GF182KW01 MURATA-GA355QR7GF182KW01 Datasheet
714Kb / 1P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA355ER7GB473KW01 MURATA-GA355ER7GB473KW01 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342QR7GD471KW01 MURATA-GA342QR7GD471KW01 Datasheet
713Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com