Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72540T0500K062 Datasheet(PDF) 7 Page - EPCOS

Part # B72540T0500K062
Description  Multilayer technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72540T0500K062 Datasheet(HTML) 7 Page - EPCOS

Back Button B72540T0500K062 Datasheet HTML 3Page - EPCOS B72540T0500K062 Datasheet HTML 4Page - EPCOS B72540T0500K062 Datasheet HTML 5Page - EPCOS B72540T0500K062 Datasheet HTML 6Page - EPCOS B72540T0500K062 Datasheet HTML 7Page - EPCOS B72540T0500K062 Datasheet HTML 8Page - EPCOS B72540T0500K062 Datasheet HTML 9Page - EPCOS B72540T0500K062 Datasheet HTML 10Page - EPCOS B72540T0500K062 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
123 04/02
CT1206K50G
82
± 10
135
1,0
120
1,8
238
268
CT1210K50G
82
± 10
135
2,5
250
1,8
240
269
CT1812K50G
82
± 10
135
5,0
500
2,5
242
270
CT2220K50G
82
± 10
135
10,0
1000
3,0
244
271
CT1206K60G
100
± 10
165
1,0
100
1,8
238
268
CT1210K60G
100
± 10
165
2,5
200
1,8
240
269
CT1812K60G
100
± 10
165
5,0
400
2,5
242
270
CT2220K60G
100
± 10
165
10,0
800
3,0
244
271
Characteristics (TA = 25 °C)
Type
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping voltage Ctyp
(1 kHz)
pF
Ltyp
nH
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
1) C (1 MHz);
± 20%;
2) Ctyp (1 MHz)
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter “Applications”).
Standard – Nickel Barrier Termination (available upon request)
SMD Varistors


Similar Part No. - B72540T0500K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540T0500K062 EPCOS-B72540T0500K062 Datasheet
137Kb / 16P
   SMD Varistors
B72540T0500K062 EPCOS-B72540T0500K062 Datasheet
131Kb / 15P
   SMD Varistors
More results

Similar Description - B72540T0500K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72500T1140S260 EPCOS-B72500T1140S260 Datasheet
94Kb / 5P
   Multilayer technology
B72580T0600S172 EPCOS-B72580T0600S172 Datasheet
91Kb / 5P
   Multilayer technology MLV; Telecom Series
logo
IK Semicon Co., Ltd
IK2107DW IKSEMICON-IK2107DW Datasheet
297Kb / 17P
   CMOS Technology
logo
International Rectifier
IRF7328TRPBF IRF-IRF7328TRPBF Datasheet
175Kb / 8P
   Trench Technology
IRF7319TRPBF IRF-IRF7319TRPBF Datasheet
229Kb / 10P
   GenarafionV Technology
logo
Shenzhen Titan Micro El...
TM1628 TITAN-TM1628 Datasheet
418Kb / 14P
   CMOS Technology
logo
International Rectifier
IRF7663TR IRF-IRF7663TR Datasheet
82Kb / 7P
   Trench Technology
IRF7530TR IRF-IRF7530TR Datasheet
105Kb / 8P
   Trench Technology
logo
M/A-COM Technology Solu...
28970-BRF-001-A MA-COM-28970-BRF-001-A Datasheet
308Kb / 2P
   AutoBaud Technology
logo
List of Unclassifed Man...
SFC4000 ETC2-SFC4000 Datasheet
436Kb / 15P
   CMOSens technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com